Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LPWT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT1232LPWT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPWT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT1232LPWT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
Doc. No. 25089, Rev. 0C
5V and 3.3V Supply Monitor, Watchdog Timer,
Manual Reset, with Active High & Low Resets
CAT1232LP/CAT1832
FEATURES
s Selectable reset voltage tolerance
— CAT1232LP for 5V supply
— CAT1832 for 3.3V supply
s Selectable watchdog period:
150ms, 600ms or 1.2 sec
s Two reset outputs
— Active high, push-pull reset output
— Active low, open-drain reset output
(CAT1232LP)
— Active low, push-pull reset output (CAT1832)
s Debounced manual push-button reset
s Compact SOIC and MSOP packages
DESCRIPTION
The CAT1232LP and CAT1832 microprocessor
supervisors can halt and restart a “hung-up” or “stalled”
microprocessor, restart a microprocessor after a power
failure, and debounce a manual/push-button micro-
processor reset switch. The devices are drop in
replacements for the Maxim/Dallas Semiconductor
DS1232LP and DS1832 supervisors
Precision reference and comparator circuits monitor the
5V or 3.3V system power supply voltage, VCC. During
power-up or when the power supply falls outside
selectable tolerance limits, both the RESET and
RESET
become active. After the power supply voltage rises
above the RESET threshold voltage, the reset signals
remain active for a minimum of 250ms, allowing the
power supply and system processor to stabilize. The
trip-point tolerance input, TOL, selects the trip level
tolerance to be either 5% or 10% for the CAT1232LP 5V
supply and 10% or 20% for the CAT1832 3.3V supply.
Each device has a push-pull, active HIGH reset output.
The CAT1232LP also has an open drain, active LOW
reset output while the CAT1832 also has a push-pull,
active LOW reset output.
A debounced manual reset input activates the reset
outputs and holds them active for a minimum period of
250ms after being released.
Also included is a watchdog timer to reset a
microprocessor that has stopped due to a software or
hardware failure. Three watchdog time-out periods are
selectable: 150ms, 600ms and 1.2sec. If the
ST input is
not strobed low before the watchdog time out period
expires, the reset signals become active for a minimum
of 250ms.
APPLICATIONS
s Microprocessor Systems
s Portable Equipment
s Controllers
s Single Board Computers
s Instrumentations
s Telecommunications
FUNCTIONAL DIAGRAM
ST
RESET
PBRST
40k
Ω
TOL
VCC
–
+
Reference
VCC
RESET
TD
Push Button Debounce
Watchdog Timebase Selection
Reset &
Watchdog Timer
(CAT1232LP)
Watchdog Transition Detector
RESET
(CAT1832)
Tolerance Selection
For Ordering Information details, see page 11.


Similar Part No. - CAT1232LPWT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LPW CATALYST-CAT1232LPW Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1232LPW-T13 CATALYST-CAT1232LPW-T13 Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1232LPW-T2 CATALYST-CAT1232LPW-T2 Datasheet
944Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LPW-T2 ONSEMI-CAT1232LPW-T2 Datasheet
604Kb / 12P
5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
More results

Similar Description - CAT1232LPWT2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
14-Jun-04
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com