Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LPWT2 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT1232LPWT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPWT2 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT1232LPWT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
SAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT1232LPV-GT3 (SOIC, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
Prefix
Device #
Suffix
Product Number
1232 LP
1832
Package
L: PDIP (Lead-free, Halogen-free)
V: SOIC 8-Lead (Lead-free, Halogen-free)
W: SOIC 16-Lead (Lead-free, Halogen-free)
Z: MSOP (Lead-free, Halogen-free)
Company ID
T: Tape & Reel
2: 2000/Reel
3: 3000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu
1232LP
V
CAT
T3
G
–
h
s
i
n
i
F
d
a
e
L
u
A
d
P
i
N
n
e
e
r
G
r
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
Oe
g
a
k
c
a
Pe
b
u
T
r
e
p
s
t
r
a
Pl
e
e
R
r
e
P
s
t
r
a
P)
h
c
n
i
(
e
z
i
S
l
e
e
R
G
-
L
P
L
2
3
2
1
T
A
CP
I
D
,
d
a
e
l
-
80
5
——
3
T
G
-
V
P
L
2
3
2
1
T
A
CC
I
O
S
,
d
a
e
l
-
8
—
0
0
0
,
33
1
3
T
G
-
Z
P
L
2
3
2
1
T
A
CP
O
S
M
—
0
0
0
,
33
1
2
T
G
-
W
P
L
2
3
2
1
T
A
CC
I
O
S
,
d
a
e
l
-
6
1
—
0
0
0
,
23
1
G
-
L
2
3
8
1
T
A
CP
I
D
,
d
a
e
l
-
80
5
——
3
T
G
-
V
2
3
8
1
T
A
CC
I
O
S
,
d
a
e
l
-
8
—
0
0
0
,
33
1
3
T
G
-
Z
2
3
8
1
T
A
CP
O
S
M
—
0
0
0
,
33
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com