Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LPWT2 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT1232LPWT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPWT2 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1232LPWT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT1232LPWT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE MECHANICAL
8-LEAD Narrow Body SOIC (150mil)
24C16_8-LEAD_SOIC.eps
SYMBOL
A1
A
b
C
D
E
E1
h
L
MIN
0.10
1.35
0.33
4.80
5.80
3.80
0.25
0.40
NOM
0.25
0.19
MAX
0.25
1.75
0.51
5.00
6.20
4.00
e
1.27 BSC
0.50
1.27
θ10
°
8
°
E
E1
D
A1
e
L
θ1
C
b
h x 45
A
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
Notes:
1.
All dimensions are in millimeters. Angles in degrees.
2.
Complies with JEDEC Specification MS-012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com