Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 13Page - STMicroelectronics M29DW128F Datasheet HTML 14Page - STMicroelectronics M29DW128F Datasheet HTML 15Page - STMicroelectronics M29DW128F Datasheet HTML 16Page - STMicroelectronics M29DW128F Datasheet HTML 17Page - STMicroelectronics M29DW128F Datasheet HTML 18Page - STMicroelectronics M29DW128F Datasheet HTML 19Page - STMicroelectronics M29DW128F Datasheet HTML 20Page - STMicroelectronics M29DW128F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
M29DW128F
Signal descriptions
17/94
2.12
VCC supply voltage (2.7V to 3.6V)
VCC provides the power supply for all operations (Read, Program and Erase).
The Command Interface is disabled when the VCC Supply Voltage is less than the Lockout
Voltage, VLKO. This prevents Bus Write operations from accidentally damaging the data
during power up, power down and power surges. If the Program/Erase Controller is
programming or erasing during this time then the operation aborts and the memory contents
being altered will be invalid.
A 0.1µF capacitor should be connected between the VCC Supply Voltage pin and the VSS
Ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during Program and erase operations, ICC2.
2.13
VSS Ground
VSS is the reference for all voltage measurements. The device features two VSS pins both of
which must be connected to the system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com