Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 42Page - STMicroelectronics M29DW128F Datasheet HTML 43Page - STMicroelectronics M29DW128F Datasheet HTML 44Page - STMicroelectronics M29DW128F Datasheet HTML 45Page - STMicroelectronics M29DW128F Datasheet HTML 46Page - STMicroelectronics M29DW128F Datasheet HTML 47Page - STMicroelectronics M29DW128F Datasheet HTML 48Page - STMicroelectronics M29DW128F Datasheet HTML 49Page - STMicroelectronics M29DW128F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
Command interface
M29DW128F
46/94
Table 15.
Block Protection Commands, 8-bit mode(1)(2)
Command
Bus operations
1st
2nd
3rd
4th
5th
6th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Set Extended Block Protection bit
6
AAA
AA
555
55
AAA
60
OW
68
OW
(3)
48
OW
DQ0
Verify Extended Block Protection
bit
4
AAA
AA
555
55
AAA
60
OW
DQ0
Enter Extended Block
3
AAA
AA
555
55
AAA
88
Exit Extended Block
4
AAA
AA
555
55
AAA
90
X
00
1.
OW Extended Block Protection bit Address (A7-A0=’00011010’), X Don’t Care. All values in the table are in hexadecimal.
2.
Grey cells represent Read cycles. The other cells are Write cycles.
3.
A 100µs timeout is required between cycles 4 and 5.
Table 16.
Block Protection Commands, 16-bit mode (1)(2)(3)(4)
Command
Bus operations
1st
2nd
3rd
4th
5th
6th
7th
Add
Data
Add Data Add Data
Add
Data
Add
Data
Add
Data
Add
Data
Set Extended
Block
Protection
bit(5)(6)
6
555
AA
2AA
55
555
60
OW
68
OW
48
OW
DQ0
Verify Extended
Block
Protection bit
4
555
AA
2AA
55
555
60
OW
DQ0
Enter Extended
Block
3
555
AA
2AA
55
555
88
Exit Extended
Block
4
555
AA
2AA
55
555
90
X
00
Password
Program (5)(7)(8)
4
555
AA
2AA
55
555
38
X[0-3]
PW
[0-3]
Password
Verify(8)(9)
4
555
AA
2AA
55
555
C8
PWA
[0-3]
RPW
[0-3]
Password
Protection
Unlock(7)(10)(11)
7
555
AA
2AA
55
555
28
PWA[0]
RPW[0]
PWA
[1]
RPW
[1]
PWA
[2]
RPW
[2]
PWA
[3]
RPW
[3]
Set Password
Protection
mode(5)(6)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
DQ0
Verify Password
Protection
mode
4
555
AA
2AA
55
555
60
PL
DQ0
Set Non-
Volatile Modify
Protection bit(5)
(6)
6
555
AA
2AA
55
555
60
(BA)/
NVMP
68
(BA)/
NVMP
48
(BA)/
NVMP
DQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com