Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 42 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 38Page - STMicroelectronics M29DW128F Datasheet HTML 39Page - STMicroelectronics M29DW128F Datasheet HTML 40Page - STMicroelectronics M29DW128F Datasheet HTML 41Page - STMicroelectronics M29DW128F Datasheet HTML 42Page - STMicroelectronics M29DW128F Datasheet HTML 43Page - STMicroelectronics M29DW128F Datasheet HTML 44Page - STMicroelectronics M29DW128F Datasheet HTML 45Page - STMicroelectronics M29DW128F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
Command interface
M29DW128F
42/94
6.3.3
Set Extended Block Protection bit command
The Set Extended Block Protection bit command programs the Extended Block Protection
bit to ‘1’ thus preventing the second section of the Extended Block from being programmed.
A Read/Reset command must be issued to abort a Set Extended Block Protection bit
command.
Six successive steps are required to issue the Set Extended Block Protection bit command.
1.
The command starts with two unlock cycles.
2.
The third Bus Write cycle sets up the Set Extended Block Protection bit command.
3.
The fourth Bus Write Cycle programs the Extended Block Protection bit to ‘1’.
4.
The last two cycles verify the value programmed at the Extended Block Protection bit
address: if bit DQ0 of Data Inputs/Outputs is set to ’1’, it indicates that the Extended
Block Protection bit has been successfully programmed. If DQ0 is ‘0’, the Set Extended
Block Protection bit command must be issued and verified again.
6.3.4
Verify Extended Block Protection bit command
The Verify Extended Block Protection bit command reads the status of the Extended Block
Protection bit on bit DQ0 of the Data Inputs/Outputs. If DQ0 is ‘1’, the second section of the
Extended Block is protected from program operations.
6.3.5
Password Program command
The Password Program Command is used to program the 64-bit Password used in
Password Protection mode.
Four cycles are required to program the Password:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the Password Program command.
3.
The fourth cycle inputs the 16-bit data required to program the Password.
To program the 64-bit Password, the complete command sequence must be entered four
times at four consecutive addresses selected by A1 to A0.
Read operations can be used to read the Status Register during a Password Program
operation. All other operations are forbidden.
The Password can be checked by issuing a Password Verify command.
Once Password Program operation has completed, a Read/ Reset command must be
issued to return the device to Read mode. The Password Protection mode can then be
selected.
By default, all Password bits are set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com