Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems ATS673 Datasheet HTML 10Page - Allegro MicroSystems ATS673 Datasheet HTML 11Page - Allegro MicroSystems ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems ATS673 Datasheet HTML 14Page - Allegro MicroSystems ATS673 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Self-Calibrating TPOS Gear Tooth Sensor Optimized
for Automotive Cam Sensing Applications
ATS673 and
ATS674
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
AGC (Automatic Gain Control)
The AGC feature is implemented by a unique patented self-
calibrating circuitry. After each power-on, the devices measure
the peak-to-peak magnetic signal. The gain of the sensor is then
adjusted, keeping the internal signal amplitude constant over the
air gap range of the device. This feature ensures that operational
characteristics are isolated from the effects of changes in AG.
The effect of AGC is shown in figure 7.
Magnetic Flux Density Versus Target Edge Position
0
1020
30405060
708090
Target Rotation (°)
0
100
200
300
400
500
600
1.50
AG (mm):
2.00
2.50
3.00
3.50
Target Rotation (°)
Internal Analog Signal after AGC Versus Target Edge Position
0
10
203040
506070
8090
0
0.5
1.0
1.5
2.0
1.50
AG (mm):
2.00
2.50
3.00
3.50
Figure 7. Effect of AGC. The upper panel shows the magnetic gradient detected at the Hall element, with no amplification.
The lower panel displays the corresponding internal processed signal, VPROC. This normalized electrical signal allows optimal
performance by the rest of the circuits that reference this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com