Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS673 Datasheet HTML 1Page - Allegro MicroSystems ATS673 Datasheet HTML 2Page - Allegro MicroSystems ATS673 Datasheet HTML 3Page - Allegro MicroSystems ATS673 Datasheet HTML 4Page - Allegro MicroSystems ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Self-Calibrating TPOS Gear Tooth Sensor Optimized
for Automotive Cam Sensing Applications
ATS673 and
ATS674
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
performance independent of air gap and also to dynamically adapt
device performance to the typical operating conditions found in
automotive applications, particularly cam sensing applications
(reduced vibration sensitivity).
High-resolution (9-bit) peak detecting DACs are used to set the
adaptive switching thresholds of the devices, ensuring high accuracy
even in the presence of gear eccentricity. Hysteresis in the thresholds
reduces the negative effects of anomalies in the magnetic signal
(such as magnetic overshoot) associated with the targets used in
many automotive applications. The ATS673 and 674 also include
a low bandwidth filter that increases the noise immunity and the
signal to noise ratio of the sensor.
Two options are available for output polarity, low over tooth (LT)
and high over tooth (HT). For applications requiring absolute
accuracy use the ATS674. The ATS673 should be used for targets
with high wobble.
▪ AGC and reference adjust circuit
▪ Undervoltage lockout
Features and Benefits (continued)
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
28
V
Reverse-Supply Voltage
VRCC
–18
V
Continuous Output Current
IOUT
20
mA
Reverse Output Current
IROUT
50
mA
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List
Name
Description
Number
VCC
Connects power supply to chip
1
VOUT
Device output
2
TEST
For Allegro use, float or tie to GND
3
GND
Ground terminal
4
24
3
1
Pin-out Diagram
Selection Guide
Part Number
Pb-free1
VOUT (Over Tooth)
Application
Packing2
ATS673LSETN-LT-T
Yes
Low
High target wobble
13-in. reel, 450 pieces/reel
ATS673LSETN-HT-T
Yes
High
ATS674LSETN-LT-T
Yes
Low
High absolute edge detection accuracy
ATS674LSETN-HT-T
Yes
High
1Pb-based variants are being phased out of the product line. Certain variants cited in this footnote are in production but have been determined to
be NOT FOR NEW DESIGN. This classification indicates that sale of this device is currently restricted to existing customer applications. The device
should not be purchased for new design applications because obsolescence in the near future is probable. Samples are no longer available. Status
change: May 1, 2006. These variants include: ATS673LSETN-LT, ATS673LSETN-HT, ATS674LSETN-LT, and ATS674LSETN-HT.
2Contact Allegro for additional packing options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com