Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 11Page - Allegro MicroSystems ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems ATS673 Datasheet HTML 14Page - Allegro MicroSystems ATS673 Datasheet HTML 15Page - Allegro MicroSystems ATS673 Datasheet HTML 16Page - Allegro MicroSystems ATS673 Datasheet HTML 17Page - Allegro MicroSystems ATS673 Datasheet HTML 18Page - Allegro MicroSystems ATS673 Datasheet HTML 19Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Self-Calibrating TPOS Gear Tooth Sensor Optimized
for Automotive Cam Sensing Applications
ATS673 and
ATS674
16
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Power Derating
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
1-layer PCB with copper limited to solder pads
101
ºC/W
1-layer PCB with copper limited to solder pads and 3.57 in.2
(23.03 cm2) of copper area each side
77
ºC/W
0
5
10
15
20
25
30
20
40
60
80
100
120
140
160
180
Power Derating Curve
(RθJA = 101 ºC/W)
Pads Only PCB
(RθJA = 77 ºC/W)
1-Layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature, TA (°C)
Power Dissipation Versus Ambient
for Sample PCBs
(R
θJ
A
=1
01º
C/W)
Minimum-K
PCB
(R
θJA
=
77
ºC/W)
Low-K
P
CB
*Additional information is available on the Allegro Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com