Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY721 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BY721
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY721 Datasheet(HTML) 5 Page - NXP Semiconductors

  BY721 Datasheet HTML 1Page - NXP Semiconductors BY721 Datasheet HTML 2Page - NXP Semiconductors BY721 Datasheet HTML 3Page - NXP Semiconductors BY721 Datasheet HTML 4Page - NXP Semiconductors BY721 Datasheet HTML 5Page - NXP Semiconductors BY721 Datasheet HTML 6Page - NXP Semiconductors BY721 Datasheet HTML 7Page - NXP Semiconductors BY721 Datasheet HTML 8Page - NXP Semiconductors BY721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Sep 24
5
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; Tj =Tj max;
see Figs 6, 7 and 8
BY715
−−
28
V
BY716
−−
28
V
BY717
−−
69
V
BY718
−−
69
V
BY719
−−
69
V
BY720
−−
92
V
BY721
−−
92
V
VF
forward voltage
IF = 50 mA; Tj =Tj max; see Fig.9
BY722
−−
88
V
BY723
−−
88
V
BY724
−−
88
V
IR
reverse current
VR =VRWmax; Tj = 120 °C
−−
3
µA
Qr
recovery charge
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.11
−−
0.4
nC
tf
fall time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.11
40
−−
ns
trr
reverse recovery time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.11
−
100
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com