Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY721 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BY721
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY721 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BY721 Datasheet HTML 2Page - NXP Semiconductors BY721 Datasheet HTML 3Page - NXP Semiconductors BY721 Datasheet HTML 4Page - NXP Semiconductors BY721 Datasheet HTML 5Page - NXP Semiconductors BY721 Datasheet HTML 6Page - NXP Semiconductors BY721 Datasheet HTML 7Page - NXP Semiconductors BY721 Datasheet HTML 8Page - NXP Semiconductors BY721 Datasheet HTML 9Page - NXP Semiconductors BY721 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Sep 24
6
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
GRAPHICAL DATA
handbook, halfpage
20
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
4
8
12
16
MBL356
a = 1.57
a = 3
a = 5
Fig.2
Maximum permissible average forward
current as a function of ambient temperature.
BY715 and BY716
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL357
Fig.3
Maximum permissible average forward
current as a function of ambient temperature.
BY717 to BY719
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL358
Fig.4
Maximum permissible average forward
current as a function of ambient temperature.
BY720 and BY721
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
handbook, halfpage
5
0
100
200
Tamb (°C)
IF(AV)
(mA)
0
1
2
3
4
MBL359
Fig.5
Maximum permissible average forward
current as a function of ambient temperature.
BY722 to BY724
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com