Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY721 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY721
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY721 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY721 Datasheet HTML 1Page - NXP Semiconductors BY721 Datasheet HTML 2Page - NXP Semiconductors BY721 Datasheet HTML 3Page - NXP Semiconductors BY721 Datasheet HTML 4Page - NXP Semiconductors BY721 Datasheet HTML 5Page - NXP Semiconductors BY721 Datasheet HTML 6Page - NXP Semiconductors BY721 Datasheet HTML 7Page - NXP Semiconductors BY721 Datasheet HTML 8Page - NXP Semiconductors BY721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2001 Sep 24
4
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
IF(AV)
average forward current
averaged over any 20 ms period;
see Figs 2, 3, 4 and 5
BY715
−
20
mA
BY716
−
20
mA
BY717
−
4mA
BY718
−
4mA
BY719
−
4mA
BY720
−
3mA
BY721
−
3mA
BY722
−
3mA
BY723
−
3mA
BY724
−
3mA
IFRM
repetitive peak forward current
−
500
mA
Tstg
storage temperature
−65
+120
°C
Tj
junction temperature
−65
+120
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com