Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2M19C6SC Datasheet(PDF) 18 Page - Intel Corporation

Part # 5CEBA2M19C6SC
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M19C6SC Datasheet(HTML) 18 Page - Intel Corporation

Back Button 5CEBA2M19C6SC Datasheet HTML 14Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 15Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 16Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 17Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 18Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 19Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 20Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 21Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
I/O Vertical Migration for Cyclone V Devices
Figure 7.
Vertical Migration Capability Across Cyclone V Device Packages and Densities
The arrows indicate the vertical migration paths. The devices included in each vertical migration path are
shaded. You can also migrate your design across device densities in the same package option if the devices
have the same dedicated pins, configuration pins, and power pins.
Variant
Member
Code
Package
M301
M383
M484
F256
U324
U484
F484
U672
F672
F896
F1152
Cyclone V E
A2
A4
A5
A7
A9
Cyclone V GX
C3
C4
C5
C7
C9
Cyclone V GT
D5
D7
D9
Cyclone V SE
A2
A4
A5
A6
Cyclone V SX
C2
C4
C5
C6
Cyclone V ST
D5
D6
You can achieve the vertical migration shaded in red if you use only up to 175 GPIOs
for the M383 package, and 138 GPIOs for the U672 package. These migration paths
are not shown in the Intel Quartus Prime software Pin Migration View.
Note:
To verify the pin migration compatibility, use the Pin Migration View window in the
Intel Quartus Prime software Pin Planner.
Adaptive Logic Module
Cyclone V devices use a 28 nm ALM as the basic building block of the logic fabric.
The ALM, as shown in following figure, uses an 8-input fracturable look-up table (LUT)
with four dedicated registers to help improve timing closure in register-rich designs
and achieve an even higher design packing capability than previous generations.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com