Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2M19C6SC Datasheet(PDF) 33 Page - Intel Corporation

Part # 5CEBA2M19C6SC
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M19C6SC Datasheet(HTML) 33 Page - Intel Corporation

Back Button 5CEBA2M19C6SC Datasheet HTML 29Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 30Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 31Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 32Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 33Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 34Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 35Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 36Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 37Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Power Management
Leveraging the FPGA architectural features, process technology advancements, and
transceivers that are designed for power efficiency, the Cyclone V devices consume
less power than previous generation Cyclone FPGAs:
•
Total device core power consumption—less by up to 40%.
•
Transceiver channel power consumption—less by up to 50%.
Additionally, Cyclone V devices contain several hard IP blocks that reduce logic
resources and deliver substantial power savings of up to 25% less power than
equivalent soft implementations.
Document Revision History for Cyclone V Device Overview
Document
Version
Changes
2018.05.07
• Added the low power option ("L" suffix) for Cyclone V SE and Cyclone V SX devices in the Sample
Ordering Code and Available Options diagrams.
• Rebranded as Intel.
Date
Version
Changes
December 2017
2017.12.18
• Updated ALM resources for Cyclone V E, Cyclone V SE, Cyclone V SX, and
Cyclone V ST devices.
June 2016
2016.06.10
Updated Cyclone V GT speed grade to –7 in Sample Ordering Code and
Available Options for Cyclone V GT Devices diagram.
December 2015
2015.12.21
• Added descriptions to package plan tables for Cyclone V GT and ST
devices.
• Changed instances of Quartus II to Quartus Prime.
June 2015
2015.06.12
• Replaced a note to partial reconfiguration feature. Note: The partial
reconfiguration feature is available for Cyclone V E, GX, SE, and SX
devices with the "SC" suffix in the part number. For device availability and
ordering, contact your local Altera sales representatives.
• Updated logic elements (LE) (K) for the following devices:
— Cyclone V E A7: Updated from 149.5 to 150
— Cyclone V GX C3: Updated from 35.5 to 36
— Cyclone V GX C7: Updated from 149.7 to 150
— Cyclone V GT D7: Updated from 149.5 to 150
• Updated MLAB (Kb) in Maximum Resource Counts for Cyclone V GX
Devices table as follows:
— Cyclone V GX C3: Updated from 291 to 182
— Cyclone V GX C4: Updated from 678 to 424
— Cyclone V GX C5: Updated from 678 to 424
— Cyclone V GX C7: Updated from 1,338 to 836
— Cyclone V GX C9: Updated from 2,748 to 1,717
continued...
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com