Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2M19C6SC Datasheet(PDF) 19 Page - Intel Corporation

Part # 5CEBA2M19C6SC
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M19C6SC Datasheet(HTML) 19 Page - Intel Corporation

Back Button 5CEBA2M19C6SC Datasheet HTML 15Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 16Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 17Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 18Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 19Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 20Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 21Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 22Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Figure 8.
ALM for Cyclone V Devices
FPGA Device
1
2
3
4
5
6
7
8
Adaptive
LUT
Full
Adder
Reg
Reg
Full
Adder
Reg
Reg
You can configure up to 25% of the ALMs in the Cyclone V devices as distributed
memory using MLABs.
Related Information
Embedded Memory Capacity in Cyclone V Devices on page 21
Lists the embedded memory capacity for each device.
Variable-Precision DSP Block
Cyclone V devices feature a variable-precision DSP block that supports these features:
•
Configurable to support signal processing precisions ranging from 9 x 9, 18 x 18
and 27 x 27 bits natively
•
A 64-bit accumulator
•
A hard preadder that is available in both 18- and 27-bit modes
•
Cascaded output adders for efficient systolic finite impulse response (FIR) filters
•
Internal coefficient register banks, 8 deep, for each multiplier in 18- or 27-bit
mode
•
Fully independent multiplier operation
•
A second accumulator feedback register to accommodate complex multiply-
accumulate functions
•
Fully independent Efficient support for single-precision floating point arithmetic
•
The inferability of all modes by the Intel Quartus Prime design software
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com