Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M50FW040 Datasheet HTML 45Page - STMicroelectronics M50FW040 Datasheet HTML 46Page - STMicroelectronics M50FW040 Datasheet HTML 47Page - STMicroelectronics M50FW040 Datasheet HTML 48Page - STMicroelectronics M50FW040 Datasheet HTML 49Page - STMicroelectronics M50FW040 Datasheet HTML 50Page - STMicroelectronics M50FW040 Datasheet HTML 51Page - STMicroelectronics M50FW040 Datasheet HTML 52Page - STMicroelectronics M50FW040 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
M50FW040
52/53
13
Revision history
Table 28.
Document revision history
Date
Version
Changes
September 2000
-01
First Issue
04-Oct-2000
-02
DC Characteristics: ICC4 changed
11-Apr-01
-03
Document type: from Preliminary Data to Data Sheet
Program and Erase functions clarification
Read Electronic Signature table change
FWH Register Configuration Map table change
Input Register Definition table, note clarification
DC Characteristics parameters clarification and new VIH and VIL
parameters added
FWH Interface AC Signal Timing Characteristics change
A/A Mux Interface Read AC Characteristics change
A/A Mux Interface Write AC Characteristics change
A/A Mux Interface Write AC Waveforms change
06-Jul-2001
-04
Note 2 changed (Table 13: Absolute maximum ratings)
12-Mar-2002
-05
RFU pins must be left disconnected
Specification of PLCC32 package mechanical data revised
09-Jul-2004
6.0
Revision numbering modified.
Document imported in new template (and so reformatted).
Temperature Range ordering information replaced by Device Grade,
Standard packing option added and Plating Technology added to
Table 27: Ordering information scheme. TLEAD parameter added to
Table 13: Absolute maximum ratings and TBIAS parameter removed.
12-Jul-2004
7.0
Inches values corrected in Table 27: Ordering information scheme.
10-Nov-2004
8.0
TSOP32 package added. Figure 2: Logic diagram (A/A Mux Interface)
and Table 2: Signal names (A/A Mux interface) added.
24-Oct-2006
9
Document converted to new ST template.
Packages are ECOPACK® compliant. TLEAD removed from Table 13:
Absolute maximum ratings.
Device grade 1 removed. Blank Plating Technology option removed
from Table 27: Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com