Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M50FW040 Datasheet HTML 27Page - STMicroelectronics M50FW040 Datasheet HTML 28Page - STMicroelectronics M50FW040 Datasheet HTML 29Page - STMicroelectronics M50FW040 Datasheet HTML 30Page - STMicroelectronics M50FW040 Datasheet HTML 31Page - STMicroelectronics M50FW040 Datasheet HTML 32Page - STMicroelectronics M50FW040 Datasheet HTML 33Page - STMicroelectronics M50FW040 Datasheet HTML 34Page - STMicroelectronics M50FW040 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
M50FW040
Firmware hub (FWH) interface Configuration Registers
31/53
6.1.3
Lock Down
The Lock Down Bit provides a mechanism for protecting software data from simple hacking
and malicious attack. When the Lock Down Bit is set, ‘1’, further modification to the Write
Lock, Read Lock and Lock Down Bits cannot be performed. A reset or power-up is required
before changes to these bits can be made. When the Lock Down Bit is reset, ‘0’, the Write
Lock, Read Lock and Lock Down Bits can be changed.
6.2
Firmware Hub (FWH) General-Purpose Input Register
The Firmware Hub (FWH) General Purpose Input Register holds the state of the Firmware
Hub Interface General Purpose Input pins, FGPI0-FGPI4. When this register is read, the
state of these pins is returned. This register is read-only and writing to it has no effect.
The signals on the Firmware Hub Interface General Purpose Input pins should remain
constant throughout the whole Bus Read cycle in order to guarantee that the correct data is
read.
6.3
Manufacturer Code Register
Reading the Manufacturer Code Register returns the manufacturer code for the memory.
The manufacturer code for STMicroelectronics is 20h. This register is read-only and writing
to it has no effect.
6.4
Device Code Register
Reading the Device Code Register returns the device code for the memory, 2Ch. This
register is read-only and writing to it has no effect.
6.5
Firmware Hub (FWH) General-Purpose Input Register
The Firmware Hub (FWH) General Purpose Input Register holds the state of the Firmware
Hub Interface General Purpose Input pins, FGPI0-FGPI4. When this register is read, the
state of these pins is returned. This register is read-only and writing to it has no effect.
The signals on the Firmware Hub Interface General Purpose Input pins should remain
constant throughout the whole Bus Read cycle in order to guarantee that the correct data is
read.
6.6
Manufacturer Code Register
Reading the Manufacturer Code Register returns the manufacturer code for the memory.
The manufacturer code for STMicroelectronics is 20h. This register is read-only and writing
to it has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com