Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M50FW040 Datasheet HTML 26Page - STMicroelectronics M50FW040 Datasheet HTML 27Page - STMicroelectronics M50FW040 Datasheet HTML 28Page - STMicroelectronics M50FW040 Datasheet HTML 29Page - STMicroelectronics M50FW040 Datasheet HTML 30Page - STMicroelectronics M50FW040 Datasheet HTML 31Page - STMicroelectronics M50FW040 Datasheet HTML 32Page - STMicroelectronics M50FW040 Datasheet HTML 33Page - STMicroelectronics M50FW040 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Firmware hub (FWH) interface Configuration Registers
M50FW040
30/53
6
Firmware hub (FWH) interface Configuration
Registers
When the Firmware Hub Interface is selected several additional registers can be accessed.
These registers control the protection status of the Blocks, read the General Purpose Input
pins and identify the memory using the Electronic Signature codes. See Table 9 for the
memory map of the Configuration Registers.
6.1
Lock Registers
The Lock Registers control the protection status of the Blocks. Each Block has its own Lock
Register. Three bits within each Lock Register control the protection of each block, the Write
Lock Bit, the Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written, though care should be taken when writing as,
once the Lock Down Bit is set, ‘1’, further modifications to the Lock Register cannot be made
until cleared, to ‘0’, by a reset or power-up.
See Table 10 for details on the bit definitions of the Lock Registers.
6.1.1
Write Lock
The Write Lock Bit determines whether the contents of the Block can be modified (using the
Program or Erase Command). When the Write Lock Bit is set, ‘1’, the block is write
protected; any operations that attempt to change the data in the block will fail and the Status
Register will report the error. When the Write Lock Bit is reset, ‘0’, the block is not write
protected through the Lock Register and may be modified unless write protected through
some other means.
When VPP is less than VPPLK all blocks are protected and cannot be modified, regardless of
the state of the Write Lock Bit. If Top Block Lock, TBL, is Low, VIL, then the Top Block (Block
7) is write protected and cannot be modified. Similarly, if Write Protect, WP, is Low, VIL, then
the Main Blocks (Blocks 0 to 6) are write protected and cannot be modified.
After power-up or reset the Write Lock Bit is always set to ‘1’ (write protected).
6.1.2
Read Lock
The Read Lock bit determines whether the contents of the Block can be read (from Read
mode). When the Read Lock Bit is set, ‘1’, the block is read protected; any operation that
attempts to read the contents of the block will read 00h instead. When the Read Lock Bit is
reset, ‘0’, read operations in the Block return the data programmed into the block as
expected.
After power-up or reset the Read Lock Bit is always reset to ‘0’ (not read protected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com