Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 4 Page - Texas Instruments

  TMDS341APFC Datasheet HTML 1Page - Texas Instruments TMDS341APFC Datasheet HTML 2Page - Texas Instruments TMDS341APFC Datasheet HTML 3Page - Texas Instruments TMDS341APFC Datasheet HTML 4Page - Texas Instruments TMDS341APFC Datasheet HTML 5Page - Texas Instruments TMDS341APFC Datasheet HTML 6Page - Texas Instruments TMDS341APFC Datasheet HTML 7Page - Texas Instruments TMDS341APFC Datasheet HTML 8Page - Texas Instruments TMDS341APFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A11, A12, A13, A14
6, 9, 12, 15
I
Port 1 TMDS positive inputs
A21, A22, A23, A24
68, 71, 74, 77
I
Port 2 TMDS positive inputs
A31, A32, A33, A34
49, 52, 55, 58
I
Port 3 TMDS positive inputs
B11, B12, B13, B14
5, 8, 11, 14
I
Port 1 TMDS negative inputs
B21, B22, B23, B24
67, 70, 73, 76
I
Port 2 TMDS negative inputs
B31, B32, B33, B34
48, 51, 54, 57
I
Port 3 TMDS negative inputs
4, 10, 16 24, 30,
GND
36, 37, 47, 53,
Ground
59, 65, 66, 72, 78
HPD1
80
O
Port 1 hot plug detector output
HPD2
62
O
Port 2 hot plug detector output
HPD3
44
O
Port 3 hot plug detector output
Sink side hot plug detector input
HPD_SINK
40
I
High: 5-V power signal asserted from source to sink and EDID is ready
Low: No 5-V power signal asserted from source to sink, or EDID is not ready
NC
1, 20, 41,60
No connect
OE
42
I
Output enable, active low
Output de-emphasis adjustment
PRE
19
I
High: 3 dB
Low: 0 dB
SCL1
3
I/O
Port 1 DDC bus clock line
SCL2
64
I/O
Port 2 DDC bus clock line
SCL3
46
I/O
Port 3 DDC bus clock line
SCL_SINK
38
I/O
Sink side DDC bus clock line
SDA1
2
I/O
Port 1 DDC bus data line
SDA2
63
I/O
Port 2 DDC bus data line
SDA3
45
I/O
Port 3 DDC bus data line
SDA_SINK
39
I/O
Sink side DDC bus data line
S1, S2, S3
21, 22, 23
I
Source selector input
7, 13, 17 27, 33,
VCC
43, 50, 56 61, 69,
Power supply
75, 79
VSADJ
18
I
TMDS compliant voltage swing control
Y1, Y2, Y3, Y4
34, 31, 28, 25
O
TMDS positive outputs
Z1, Z2, Z3, Z4
35, 32, 29, 26
O
TMDS negative outputs
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com