Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 2 Page - Texas Instruments

  TMDS341APFC Datasheet HTML 1Page - Texas Instruments TMDS341APFC Datasheet HTML 2Page - Texas Instruments TMDS341APFC Datasheet HTML 3Page - Texas Instruments TMDS341APFC Datasheet HTML 4Page - Texas Instruments TMDS341APFC Datasheet HTML 5Page - Texas Instruments TMDS341APFC Datasheet HTML 6Page - Texas Instruments TMDS341APFC Datasheet HTML 7Page - Texas Instruments TMDS341APFC Datasheet HTML 8Page - Texas Instruments TMDS341APFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
PRE
VSADJ
Y4
Z4
Y3
Z3
Y2
Z2
Y1
Z1
S1
S2
S3
HPD_SINK
SCL_SINK
SDA_SINK
SDA3
SCL3
SDA2
SCL2
SDA1
SCL1
HPD3
HPD2
HPD1
B31
A31
B32
A32
B33
A33
B34
A34
B21
A21
B22
A22
B23
A23
B24
A24
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Rx w/
EQ
Control Logic
3−to−1 MUX
TMDS
Drive
TMDS
Drive
TMDS
Drive
TMDS
Drive
VCC (3.3 V)
VCC
VCC
VCC
VCC
VCC
VCC
VCC (3.3 V)
RINT
RINT
RINT
RINT
RINT
RINT
RINT
RINT
OE
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com