Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFC Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMDS341APFC Datasheet HTML 15Page - Texas Instruments TMDS341APFC Datasheet HTML 16Page - Texas Instruments TMDS341APFC Datasheet HTML 17Page - Texas Instruments TMDS341APFC Datasheet HTML 18Page - Texas Instruments TMDS341APFC Datasheet HTML 19Page - Texas Instruments TMDS341APFC Datasheet HTML 20Page - Texas Instruments TMDS341APFC Datasheet HTML 21Page - Texas Instruments TMDS341APFC Datasheet HTML 22Page - Texas Instruments TMDS341APFC Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Supply Voltage
TMDS Inputs
TMDS Input Fail-Safe
VCC
RINT
RINT
TMDS
Receiver
TMDS
Driver
RT
RT
Y
Z
A
B
AVCC
TMDS341A
TMDS Outputs
TMDS341A
VCC
GND
TMDS
Driver
AVCC
ZO = RT
ZO = RT
RT
RT
TMDS
Receiver
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
All VCC pins can be tied to a single 3.3-V power source. A 0.01-µF capacitor is connected from each VCC pin
directly to ground to filter supply noise.
Standard TMDS terminations are integrated on all TMDS inputs. External terminations are not required. Each
input channel contains an 8-dB equalization circuit to compensate for cable losses. The voltage at the TMDS
input pins must be limited per the absolute maximum ratings. An unused input should not be connected to
ground as this would result in excessive current flow damaging the device.
TMDS input pins do not incorporate fail-safe circuits. An unused input channel can be externally biased to
prevent output oscillation. One pin can be left open with the other grounded through a 1-k
Ω resistor as shown in
Figure 34.
Figure 34. TMDS Input Fail-Safe Recommendation
A 1% precision resister, 4.64-k
Ω, connected from VSADJ to ground is recommended to allow the differential
output swing to comply with TMDS signal levels. The differential output driver provides a typical 10-mA current
sink capability, which provides a typical 500-mV voltage drop across a 50-
Ω termination resistor.
Figure 35. TMDS Driver and Termination Circuit
As shown in Figure 35, if VCC (TMDS341A supply) and AVCC (sink termination supply) are powered, the TMDS
output signals are high impedance when OE is high. Normal operation is with both supplies active.
Also shown in Figure 35, if VCC is on and AVCC is off, the TMDS outputs source a typical 5-mA current through
each termination resistor to ground. The terminations consume a total of 10 mW of power independent of the
OE logical selection. When AVCC is powered on, normal operation (OE controls output impedance) is resumed.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com