Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4000D Datasheet(PDF) 2 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 2 Page - Flex Power Modules. FLEX LTD.

  PKB4000D Datasheet HTML 1Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 2Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 3Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Flex internal
PRODUCT SPECIFICATION
2 (4)
Prepared (also subject responsible if other)
No.
jidgezou George Zou
1/1301-BMR 674 01
Approved
Checked
Date
Rev
Reference
jiddaxie David Xie
2019-08-27
D
Ordering Information
Product program
Output
PKB 4313 D
12 V, 25 A / 300 W
PKB 4213 D
12 V, 22 A / 264 W
PKB 4217ND
10 V, 25 A / 250 W
Product number and Packaging
PKB 4313D n1n2n3n4n5
Options
n1
n2
n3
n4
n5
Mounting
ο
Remote Control logic
ο
Baseplate
ο
Lead length
ο
Delivery package information
ο
Options
Description
n1
n2
n3
n4
n5
SI
PI
P
HS
LA
LB
LC
/B
Surface mount
Through hole
Negative *
Positive
Open frame*
Baseplate
5.30 mm *
3.69 mm (Pin-cut)
4.57 mm (Pin-cut)
2.79 mm (Pin-cut)
Tray of 100 products
Example: a through hole mounted with baseplate, positive logic, 4.57mm pin
length 12V product with tray package would be PKB 4313D PIPHSLB/B.
* Standard variant (i.e. no option selected).
General Information
Reliability
The failure rate (
λ) and mean time between failures
(MTBF= 1/
λ) is calculated at max output power and an
operating ambient temperature (TA) of +40°C. Flex Power
Modules uses Telcordia SR-332 Issue 2 Method 1 to
calculate the mean steady-state failure rate and standard
deviation (
σ).
Telcordia SR-332 Issue 2 also provides techniques to
estimate the upper confidence levels of failure rates based
on the mean and standard deviation.
Mean steady-state failure rate,
λ
Std. deviation,
σ
112 nFailures/h
8.7 nFailures/h
MTBF (mean value) for the PKB 4313D series = 8.9 Mh.
MTBF at 90% confidence level = 8.1 Mh
Compatibility with RoHS requirements
The products are compatible with the relevant clauses and
requirements of the RoHS directive 2011/65/EU and have a
maximum concentration value of 0.1% by weight in
homogeneous materials for lead, mercury, hexavalent
chromium, PBB and PBDE and of 0.01% by weight in
homogeneous materials for cadmium.
Exemptions in the RoHS directive utilized in Flex Power
Modules products are found in the Statement of
Compliance document.
Flex Power Modules fulfills and will continuously fulfill all its
obligations under regulation (EC) No 1907/2006 concerning
the registration, evaluation, authorization and restriction of
chemicals (REACH) as they enter into force and is through
product materials declarations preparing for the obligations
to communicate information on substances in the products.
Quality Statement
The products are designed and manufactured in an
industrial environment where quality systems and methods
like ISO 9000, Six Sigma, and SPC are intensively in use to
boost the continuous improvements strategy. Infant
mortality or early failures in the products are screened out
and they are subjected to an ATE-based final test.
Conservative design rules, design reviews and product
qualifications, plus the high competence of an engaged
work force, contribute to the high quality of the products.
Warranty
Warranty period and conditions are defined in Flex Power
Modules General Terms and Conditions of Sale.
Limitation of Liability
Flex Power Modules does not make any other warranties,
expressed or implied including any warranty of
merchantability or fitness for a particular purpose
(including, but not limited to, use in life support
applications, where malfunctions of product can cause
injury to a person’s health or life).
© Flex 2019
The information and specifications in this technical
specification is believed to be correct at the time of
publication. However, no liability is accepted for
inaccuracies, printing errors or for any consequences
thereof. Flex reserves the right to change the
contents of this technical specification at any time without
prior notice.
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com