Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4000D Datasheet(PDF) 21 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 21 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4000D Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 18Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 19Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Baseplate
Ambient Temperature Calculation
For products with base plate the maximum allowed ambient
temperature can be calculated by using the thermal resistance.
1. The power loss is calculated by using the formula
((1/η) - 1) × output power = power losses (Pd).
η = efficiency of product. E.g. 95.5% = 0.955
2. Find the thermal resistance (Rth) in the Thermal Resistance
graph found in the Output section for each model. Note that
the thermal resistance can be significantly reduced if a
heat sink is mounted on the top of the base plate.
Calculate the temperature increase (
∆T).
∆T = Rth x Pd
3. Max allowed ambient temperature is:
Max TP1 -
∆T.
E.g. PKB4313D at 1m/s:
1. ((
) -
1) × 300 W = 14.1 W
2. 14.1 W × 4.2°C/W = 59°C
3. 125 °C – 59°C = max ambient temperature is 66°C
The actual temperature will be dependent on several factors
such as the PWB size, number of layers and direction of
airflow.
Connections
Pin
Designation
Function
1
+In
Positive Input
2
RC
Remote Control
3
-In
Negative Input
4
-Out
Negative Output
8
+Out
Positive Output
1
0.955
P2
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com