Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4000D Datasheet(PDF) 24 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 24 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4000D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 26Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 27Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 28Page - Flex Power Modules. FLEX LTD.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
INTERNAL USE ONLY
PRODUCT SPECIFICATION
4 (5)
Prepared (Subject resp)
No.
jidjliaa Jessie LI
4/1301-BMR 674 01 Uen
Approved (Document resp)
Checked
Date
Rev
jidjliaa Jessie LI
See §1
7/30/2019
B
Mechanical Information - Surface Mount Version
All component placements – whether shown as physical components or symbolical outline – are for reference only and are subject to change throughout the product’s life cycle,
unless explicitly described and dimensioned in this drawing.
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com