Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24-7 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 4 Page - Amphenol Corporation

  24-7 Datasheet HTML 1Page - Amphenol Corporation 24-7 Datasheet HTML 2Page - Amphenol Corporation 24-7 Datasheet HTML 3Page - Amphenol Corporation 24-7 Datasheet HTML 4Page - Amphenol Corporation 24-7 Datasheet HTML 5Page - Amphenol Corporation 24-7 Datasheet HTML 6Page - Amphenol Corporation 24-7 Datasheet HTML 7Page - Amphenol Corporation 24-7 Datasheet HTML 8Page - Amphenol Corporation 24-7 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
2
Guide to Selecting a Connector
In selecting a connector, it first must be
determined if a non-environmental 97 A
or B Series 5015 type is required or if an
environmental MS-5015 Class E, F, or
R type* is required.
If determined that the general duty,
non-environmental 97 series is the
choice - then this catalog is appropriate
to your needs
The following 8 steps apply to for-
mulation of a part number.**
How many wires are you
going to connect?
What gauge?
These two questions are important, be-
cause they indicate which insert you
need. There are literally hundreds to
choose from.
The insert arrangements for solder
contact connectors are illustrated on
pages 6-11. The inserts most often used
are highlighted on these pages.
Here’s an example of how to choose
an insert arrangement. Say you want to
connect eight 16-ga. wires, - first find
the section of arrangements containing
8 contacts. Insert number 20-7 is the
one you want because it contains eight
16-ga. contacts and it is one of the most
often used. The one you choose might
depend on your space or voltage re-
quirements. The voltage capacity of
each insert is listed under its diagram.
If you have more than one wire size
to connect, the method is essentially the
same. Actually, the insert configurations
for multiple-size wires are a lot more
flexible than they appear. That’s be-
cause you can always solder a smaller
wire to a larger contact. However, sol-
dering a large wire to a small contact
isn’t recommended because of size and
current requirements.
What if several identical
connectors have different
functions?
Here’s a situation to watch out for. You
have four identical receptacles on a
panel. One carries high current loads.
The others have low current functions.
A plug mated with the wrong receptacle
(cross-mating) could ruin your valuable
equipment.
To avoid cross-mating, you can order
identical inserts positioned in both the
plugs and receptacles at various angles
from standard. These variations from
standard position are called alternate
insert positions, and are described on
page 12.
What kind of receptacle do
you need?
For Wall Mounting Use a wall recep-
tacle, type 3100. The elongated back of
this receptacle extends through thick
wall material. It is threaded to accept
standard hardware fittings.
For Unmounted Applications Use
the cable receptacle, type 3101.
For Box or Panel Mounting Use the
box receptacle, type 3102. This recep-
tacle’s back is short to conserve space.
It is not threaded on the back end and is
used when no accessories such as
clamps are needed.
What kind of plug do
you need?
For ordinary situations The straight
plug, type 3106 meets most connector
requirements. However . . .
when space is critical you may want
to consider using an angle plug, type
3108. This type plug lets the cable enter
your equipment at a right angle.
Which connector gets the
socket? - the receptacle or
the plug?
You’re at the point where you designate
which inserts are used with which
shells. Either pin or socket inserts can
be used with plugs or receptacles.
Here’s a good rule of thumb. Order
the sockets for the connector at the
“hot” side of the circuit. By having sock-
ets at the power source, there’s little
chance that a wayward finger or screw-
driver will short the circuit or cause per-
onal injury.
The designation for sockets is simply
S in a part number, following the insert
code number. For pins, the designation
is P. Therefore, the 20-7P insert would
have pin contacts, while the 20-7S in-
sert would have socket contacts.
What type of plating is
preferred?
If you prefer the standard olive cad-
mium, non-reflective, electrically con-
ductive finish, then no suffix number is
required. Other plating variations are
available, including environmentally
friendly zinc alloy. See how to order in-
structions for the various plating fin-
ishes offered for 97 Series solder con-
nectors on page 18.
Do you need any
accessories?
Accessories - cable clamps, protection
caps and chains, conduit adapters,
and panel gaskets are shown on pages
28-32.
* If an environmental type SAE AS50151, F or RClass is required, then
the catalog that should be consulted is IC-5 AC and SAE AS50151
Threaded Cylindrical Connectors. See www.amphenol-industrial.com
for on-line catalogs or contact Amphenol, Sidney, NY.
** These steps are for solder type connectors which are described in detail
on pages 3-18. If a crimp type connector is needed, the same steps ap-
ply, however, you should consult pages 19-27 for details on 97 Series
connectors with crimp contacts.
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com