Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24-7 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 3Page - Amphenol Corporation 24-7 Datasheet HTML 4Page - Amphenol Corporation 24-7 Datasheet HTML 5Page - Amphenol Corporation 24-7 Datasheet HTML 6Page - Amphenol Corporation 24-7 Datasheet HTML 7Page - Amphenol Corporation 24-7 Datasheet HTML 8Page - Amphenol Corporation 24-7 Datasheet HTML 9Page - Amphenol Corporation 24-7 Datasheet HTML 10Page - Amphenol Corporation 24-7 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5
97 series solder type
insert availability, cont.
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
5
2
8
1
.
3
8
/
1
7
*
6
2
-
2
2
22-27
9
1/8
3.18
D
1
8
A
7
5
.
1
6
1
/
1
7
A
7
5
.
1
6
1
/
1
7
†
8
2
-
2
2
2
3
D
8
1
.
3
8
/
1
5
4
3
-
2
2
7
D
8
1
.
3
8
/
1
7
2
-
4
2
6
1
A
7
5
.
1
6
1
/
1
6
1
†
5
-
4
2
24-6
8
3
D
8
1
.
3
8
/
1
5
A
7
5
.
1
6
1
/
1
4
1
2
A
7
5
.
1
6
1
/
1
6
1
7
-
4
2
24-9†
2
1/16 1.57
A
2
24-10
7
1/16 1.57
A
7
24-11
9
1/16 1.57
A
3
6
24-12
5
1/16 1.57
A
2
3
24-16
7
1/8
3.18
D
1
3
3
A
7
5
.
1
6
1
/
1
2
1
7
5
.
1
6
1
/
1
2
1
†
9
1
-
4
2
24-20
9
2
D
8
1
.
3
8
/
1
1
1
24-21
10
1/8
3.18
D
1
9
24-22
4
1/8
3.18
D
4
7
E
5
7
.
4
6
1
/
3
7
7
2
-
4
2
4
2
.
T
S
N
I
7
5
.
1
6
1
/
1
4
2
8
2
-
4
2
28-1
9
1/8
3.18
D
1
2
1/16 1.57
A
2
4
2
1
2
D
8
1
.
3
8
/
1
4
1
2
-
8
2
28-3
3
3/16 4.75
E
3
28-6†
3
1/8
3.18
D
3
28-8
12
9
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
E
5
7
.
4
6
1
/
3
6
6
D
8
1
.
3
8
/
1
2
1
9
-
8
2
28-10
7
1
D
8
1
.
3
8
/
1
1/16 1.57
A
2
2
2
8
1
4
A
7
5
.
1
6
1
/
1
2
2
1
1
-
8
2
6
2
A
7
5
.
1
6
1
/
1
6
2
2
1
-
8
2
5
3
A
7
5
.
1
6
1
/
1
5
3
†
5
1
-
8
2
0
2
A
7
5
.
1
6
1
/
1
0
2
†
6
1
-
8
2
28-17
15
1
B
5
3
.
6
4
/
1
3
D
8
1
.
3
8
/
1
1
1
A
7
5
.
1
6
1
/
1
28-18
12
1
C
2
9
.
7
6
1
/
5
5
D
8
1
.
3
8
/
1
2
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
28-19
10
2
B
5
3
.
6
4
/
1
2
D
8
1
.
3
8
/
1
2
4
A
7
5
.
1
6
1
/
1
4
0
1
A
7
5
.
1
6
1
/
1
4
1
0
2
-
8
2
7
3
A
7
5
.
1
6
1
/
1
7
3
1
2
-
8
2
32-5†
2
1/8
3.18
D
2
32-6
23
1/16 1.57
A
2
3
2
16
32-7
35
4
2
7
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
4
2
6
A
7
5
.
1
6
1
/
1
0
3
†
8
-
2
3
8
1
5
D
8
1
.
3
8
/
1
3
2
3
1
-
2
3
32-17
4
1/8
3.18
D
4
2
5
A
7
5
.
1
6
1
/
1
2
5
4
1
4
-
2
3
8
1
4
D
8
1
.
3
8
/
1
2
2
†
1
-
6
3
36-5
4
1/16 1.57
A
4
36-6
6
1/16 1.57
A
2
4
0
4
7
A
7
5
.
1
6
1
/
1
7
4
7
-
6
3
6
4
1
A
7
5
.
1
6
1
/
1
7
4
8
-
6
3
36-9
31
1/16 1.57
A
1
2
14
14
8
4
A
7
5
.
1
6
1
/
1
8
4
0
1
-
6
3
36-15
35
4
3
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
5
A
7
5
.
1
6
1
/
1
2
5
*
3
0
4
-
6
3
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.
This arrangement is not available in RoHS compliant version.
8
97 series solder type
insert availability, cont.
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
5
2
8
1
.
3
8
/
1
7
*
6
2
-
2
2
22-27
9
1/8
3.18
D
1
8
A
7
5
.
1
6
1
/
1
7
A
7
5
.
1
6
1
/
1
7
†
8
2
-
2
2
2
3
D
8
1
.
3
8
/
1
5
4
3
-
2
2
7
D
8
1
.
3
8
/
1
7
2
-
4
2
6
1
A
7
5
.
1
6
1
/
1
6
1
†
5
-
4
2
24-6
8
3
D
8
1
.
3
8
/
1
5
A
7
5
.
1
6
1
/
1
4
1
2
A
7
5
.
1
6
1
/
1
6
1
7
-
4
2
24-9†
2
1/16 1.57
A
2
24-10
7
1/16 1.57
A
7
24-11
9
1/16 1.57
A
3
6
24-12
5
1/16 1.57
A
2
3
24-16
7
1/8
3.18
D
1
3
3
A
7
5
.
1
6
1
/
1
2
1
7
5
.
1
6
1
/
1
2
1
†
9
1
-
4
2
24-20
9
2
D
8
1
.
3
8
/
1
1
1
24-21
10
1/8
3.18
D
1
9
24-22
4
1/8
3.18
D
4
7
E
5
7
.
4
6
1
/
3
7
7
2
-
4
2
4
2
.
T
S
N
I
7
5
.
1
6
1
/
1
4
2
8
2
-
4
2
28-1
9
1/8
3.18
D
1
2
1/16 1.57
A
2
4
2
1
2
D
8
1
.
3
8
/
1
4
1
2
-
8
2
28-3
3
3/16 4.75
E
3
28-6†
3
1/8
3.18
D
3
28-8
12
9
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
E
5
7
.
4
6
1
/
3
6
6
D
8
1
.
3
8
/
1
2
1
9
-
8
2
28-10
7
1
D
8
1
.
3
8
/
1
1/16 1.57
A
2
2
2
8
1
4
A
7
5
.
1
6
1
/
1
2
2
1
1
-
8
2
6
2
A
7
5
.
1
6
1
/
1
6
2
2
1
-
8
2
5
3
A
7
5
.
1
6
1
/
1
5
3
†
5
1
-
8
2
0
2
A
7
5
.
1
6
1
/
1
0
2
†
6
1
-
8
2
28-17
15
1
B
5
3
.
6
4
/
1
3
D
8
1
.
3
8
/
1
1
1
A
7
5
.
1
6
1
/
1
28-18
12
1
C
2
9
.
7
6
1
/
5
5
D
8
1
.
3
8
/
1
2
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
28-19
10
2
B
5
3
.
6
4
/
1
2
D
8
1
.
3
8
/
1
2
4
A
7
5
.
1
6
1
/
1
4
0
1
A
7
5
.
1
6
1
/
1
4
1
0
2
-
8
2
7
3
A
7
5
.
1
6
1
/
1
7
3
1
2
-
8
2
32-5†
2
1/8
3.18
D
2
32-6
23
1/16 1.57
A
2
3
2
16
32-7
35
4
2
7
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
4
2
6
A
7
5
.
1
6
1
/
1
0
3
†
8
-
2
3
8
1
5
D
8
1
.
3
8
/
1
3
2
3
1
-
2
3
32-17
4
1/8
3.18
D
4
2
5
A
7
5
.
1
6
1
/
1
2
5
4
1
4
-
2
3
8
1
4
D
8
1
.
3
8
/
1
2
2
†
1
-
6
3
36-5
4
1/16 1.57
A
4
36-6
6
1/16 1.57
A
2
4
0
4
7
A
7
5
.
1
6
1
/
1
7
4
7
-
6
3
6
4
1
A
7
5
.
1
6
1
/
1
7
4
8
-
6
3
36-9
31
1/16 1.57
A
1
2
14
14
8
4
A
7
5
.
1
6
1
/
1
8
4
0
1
-
6
3
36-15
35
4
3
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
5
A
7
5
.
1
6
1
/
1
2
5
*
3
0
4
-
6
3
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.
This arrangement is not available in RoHS compliant version.
97 series solder type
insert availability, cont.
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
5
2
8
1
.
3
8
/
1
7
*
6
2
-
2
2
22-27
9
1/8
3.18
D
1
8
A
7
5
.
1
6
1
/
1
7
A
7
5
.
1
6
1
/
1
7
†
8
2
-
2
2
2
3
D
8
1
.
3
8
/
1
5
4
3
-
2
2
7
D
8
1
.
3
8
/
1
7
2
-
4
2
6
1
A
7
5
.
1
6
1
/
1
6
1
†
5
-
4
2
24-6
8
3
D
8
1
.
3
8
/
1
5
A
7
5
.
1
6
1
/
1
4
1
2
A
7
5
.
1
6
1
/
1
6
1
7
-
4
2
24-9†
2
1/16 1.57
A
2
24-10
7
1/16 1.57
A
7
24-11
9
1/16 1.57
A
3
6
24-12
5
1/16 1.57
A
2
3
24-16
7
1/8
3.18
D
1
3
3
A
7
5
.
1
6
1
/
1
2
1
7
5
.
1
6
1
/
1
2
1
†
9
1
-
4
2
24-20
9
2
D
8
1
.
3
8
/
1
1
1
24-21
10
1/8
3.18
D
1
9
24-22
4
1/8
3.18
D
4
7
E
5
7
.
4
6
1
/
3
7
7
2
-
4
2
4
2
.
T
S
N
I
7
5
.
1
6
1
/
1
4
2
8
2
-
4
2
28-1
9
1/8
3.18
D
1
2
1/16 1.57
A
2
4
2
1
2
D
8
1
.
3
8
/
1
4
1
2
-
8
2
28-3
3
3/16 4.75
E
3
28-6†
3
1/8
3.18
D
3
28-8
12
9
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
E
5
7
.
4
6
1
/
3
6
6
D
8
1
.
3
8
/
1
2
1
9
-
8
2
28-10
7
1
D
8
1
.
3
8
/
1
1/16 1.57
A
2
2
2
8
1
4
A
7
5
.
1
6
1
/
1
2
2
1
1
-
8
2
6
2
A
7
5
.
1
6
1
/
1
6
2
2
1
-
8
2
5
3
A
7
5
.
1
6
1
/
1
5
3
†
5
1
-
8
2
0
2
A
7
5
.
1
6
1
/
1
0
2
†
6
1
-
8
2
28-17
15
1
B
5
3
.
6
4
/
1
3
D
8
1
.
3
8
/
1
1
1
A
7
5
.
1
6
1
/
1
28-18
12
1
C
2
9
.
7
6
1
/
5
5
D
8
1
.
3
8
/
1
2
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
28-19
10
2
B
5
3
.
6
4
/
1
2
D
8
1
.
3
8
/
1
2
4
A
7
5
.
1
6
1
/
1
4
0
1
A
7
5
.
1
6
1
/
1
4
1
0
2
-
8
2
7
3
A
7
5
.
1
6
1
/
1
7
3
1
2
-
8
2
32-5†
2
1/8
3.18
D
2
32-6
23
1/16 1.57
A
2
3
2
16
32-7
35
4
2
7
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
4
2
6
A
7
5
.
1
6
1
/
1
0
3
†
8
-
2
3
8
1
5
D
8
1
.
3
8
/
1
3
2
3
1
-
2
3
32-17
4
1/8
3.18
D
4
2
5
A
7
5
.
1
6
1
/
1
2
5
4
1
4
-
2
3
8
1
4
D
8
1
.
3
8
/
1
2
2
†
1
-
6
3
36-5
4
1/16 1.57
A
4
36-6
6
1/16 1.57
A
2
4
0
4
7
A
7
5
.
1
6
1
/
1
7
4
7
-
6
3
6
4
1
A
7
5
.
1
6
1
/
1
7
4
8
-
6
3
36-9
31
1/16 1.57
A
1
2
14
14
8
4
A
7
5
.
1
6
1
/
1
8
4
0
1
-
6
3
36-15
35
4
3
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
5
A
7
5
.
1
6
1
/
1
2
5
*
3
0
4
-
6
3
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.
This arrangement is not available in RoHS compliant version.
8
8
97 series solder type
insert availability
Insert Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
0
4
8
12
16
8S-1✦
1
1/16 1.57
INST.
1
10SL-3
3
1/16 1.57
A
3
10SL-4
2
1/16 1.57
A
2
12SL-844✦*
4
1/16 1.57
A
4
12S-3
2
1/16 1.57
A
2
12-5✦
1
1/8
3.18
D
1
12S-6✦*
2
1/16 1.57
2
14S-1†
3
1/16 1.57
A
3
14S-2
4
INST.
4
14S-4✦†
1
1/8
3.18
D
1
14S-5
5
INST
5
14S-6
6
INST.
6
14S-7
3
1/16 1.57
A
3
14S-9†
2
1/16 1.57
A
2
16S-1
7
1/16 1.57
A
7
16S-4✦
2
1/8
3.18
D
2
16S-5
3
1/16 1.57
A
3
16S-6✦†
3
1/16 1.57
A
3
16-7
3
1/16 1.57
A
1
2
16S-8
5
1/16 1.57
A
5
16-9
4
1/16 1.57
A
2
2
16-10
3
1/16 1.57
A
3
16-11✦†
2
1/16 1.57
A
2
16-12
1
1/16 1.57
A
1
16-13
2
1/16 1.57
A
2
18-1
10
1/16 1.57
A4
INST.
6
18-3†
2
1/8
3.18
D
2
18-4
4
1/8
3.18
D
4
18-5✦
3
1/8
3.18
D
2
1
18-8
8
1/16 1.57
A
1
7
18-9✦
7
INST.
2
5
18-10†
4
1/16 1.57
A
4
18-11
5
1/16 1.57
A
5
18-12†
6
1.16 1.57
A
6
18-13
4
1/16 1.57
A
1
3
18-16
1
5/16 7.92
C
1
18-19†
10
1/16 1.57
A
10
18-20
5
1/16 1.57
A
5
18-22†
3
1/8
3.18
D
3
18-29✦†
5
1/16 1.57
A
5
18-420*
1
1
20-3†
3
1/8
3.18
D
3
20-4
4
1/8
3.18
D
4
20-6†
3
1/8
3.18
D
3
20-7
8
1/8
3.18
D
4
1/16 1.57
A
4
20-8
6
INST.
2
4
20-11†
13
INST.
13
20-14
5
1/16 1.57
A
2
3
20-15
7
1/16 1.57
A
7
20-16
9
1/16 1.57
A
2
7
20-17
6
1/16 1.57
A
5
1
20-18
9
1/16 1.57
A
3
6
20-19†
3
1/16 1.57
A
3
20-21
9
1/16 1.57
A
1
8
20-23
2
1/16 1.57
A
2
20-24
4
1/16 1.57
A
2
2
20-27
14
1/16 1.57
A
14
20-29
17
1/16 1.57
A
17
20-33
11
1/16 1.57
A
11
22-1†
2
1/8
3.18
D
2
22-2
3
1/8
3.18
D
3
22-4†
4
1/16 1.57
A
2
2
22-5
6
1/8
3.18
D
2
4
22-8†
2
3/16 4.75
E
2
22-9
3
3/16 4.75
E
3
22-10
4
3/16 4.75
E
4
22-11
2
1/4
6.35
B
2
22-12
5
1/8
3.18
D
2
3
22-13†
5
1/8
3.18
D
1
1/16 1.57
A
4
22-14
19
1/16 1.57
A
19
22-15
6
3/16 4.75
E
1
1/16 1.57
A
5
22-16†
9
1/16 1.57
A
3
6
22-18
8
1/8
3.18
D
5
1/16 1.57
A
3
22-19
14
1/16 1.57
A
14
22-20†
9
1/16 1.57
A
9
22-22
4
1/16 1.57
A
4
22-23
8
1/8
3.18
D
1
1/16 1.57
A
7
Insert Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
0
4
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
** Hi-Voltage = 17KVAC/24KVDC
✦
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.
8
97 series solder type
insert availability, cont.
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
5
2
8
1
.
3
8
/
1
7
*
6
2
-
2
2
22-27
9
1/8
3.18
D
1
8
A
7
5
.
1
6
1
/
1
7
A
7
5
.
1
6
1
/
1
7
†
8
2
-
2
2
2
3
D
8
1
.
3
8
/
1
5
4
3
-
2
2
7
D
8
1
.
3
8
/
1
7
2
-
4
2
6
1
A
7
5
.
1
6
1
/
1
6
1
†
5
-
4
2
24-6
8
3
D
8
1
.
3
8
/
1
5
A
7
5
.
1
6
1
/
1
4
1
2
A
7
5
.
1
6
1
/
1
6
1
7
-
4
2
24-9†
2
1/16 1.57
A
2
24-10
7
1/16 1.57
A
7
24-11
9
1/16 1.57
A
3
6
24-12
5
1/16 1.57
A
2
3
24-16
7
1/8
3.18
D
1
3
3
A
7
5
.
1
6
1
/
1
2
1
7
5
.
1
6
1
/
1
2
1
†
9
1
-
4
2
24-20
9
2
D
8
1
.
3
8
/
1
1
1
24-21
10
1/8
3.18
D
1
9
24-22
4
1/8
3.18
D
4
7
E
5
7
.
4
6
1
/
3
7
7
2
-
4
2
4
2
.
T
S
N
I
7
5
.
1
6
1
/
1
4
2
8
2
-
4
2
28-1
9
1/8
3.18
D
1
2
1/16 1.57
A
2
4
2
1
2
D
8
1
.
3
8
/
1
4
1
2
-
8
2
28-3
3
3/16 4.75
E
3
28-6†
3
1/8
3.18
D
3
28-8
12
9
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
E
5
7
.
4
6
1
/
3
6
6
D
8
1
.
3
8
/
1
2
1
9
-
8
2
28-10
7
1
D
8
1
.
3
8
/
1
1/16 1.57
A
2
2
2
8
1
4
A
7
5
.
1
6
1
/
1
2
2
1
1
-
8
2
6
2
A
7
5
.
1
6
1
/
1
6
2
2
1
-
8
2
5
3
A
7
5
.
1
6
1
/
1
5
3
†
5
1
-
8
2
0
2
A
7
5
.
1
6
1
/
1
0
2
†
6
1
-
8
2
28-17
15
1
B
5
3
.
6
4
/
1
3
D
8
1
.
3
8
/
1
1
1
A
7
5
.
1
6
1
/
1
28-18
12
1
C
2
9
.
7
6
1
/
5
5
D
8
1
.
3
8
/
1
2
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
28-19
10
2
B
5
3
.
6
4
/
1
2
D
8
1
.
3
8
/
1
2
4
A
7
5
.
1
6
1
/
1
4
0
1
A
7
5
.
1
6
1
/
1
4
1
0
2
-
8
2
7
3
A
7
5
.
1
6
1
/
1
7
3
1
2
-
8
2
32-5†
2
1/8
3.18
D
2
32-6
23
1/16 1.57
A
2
3
2
16
32-7
35
4
2
7
A
7
5
.
1
6
1
/
1
4
.
T
S
N
I
4
2
6
A
7
5
.
1
6
1
/
1
0
3
†
8
-
2
3
8
1
5
D
8
1
.
3
8
/
1
3
2
3
1
-
2
3
32-17
4
1/8
3.18
D
4
2
5
A
7
5
.
1
6
1
/
1
2
5
4
1
4
-
2
3
8
1
4
D
8
1
.
3
8
/
1
2
2
†
1
-
6
3
36-5
4
1/16 1.57
A
4
36-6
6
1/16 1.57
A
2
4
0
4
7
A
7
5
.
1
6
1
/
1
7
4
7
-
6
3
6
4
1
A
7
5
.
1
6
1
/
1
7
4
8
-
6
3
36-9
31
1/16 1.57
A
1
2
14
14
8
4
A
7
5
.
1
6
1
/
1
8
4
0
1
-
6
3
36-15
35
4
3
A
7
5
.
1
6
1
/
1
1
D
8
1
.
3
8
/
1
2
5
A
7
5
.
1
6
1
/
1
2
5
*
3
0
4
-
6
3
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
04
8
12
16
Not all insert arrangements are currently available for environmental individual
wire seal. Consult Amphenol, Sidney, NY for availability.
† Inactive for new military design, but available for replacement or for non-mili-
tary purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing cata-
log number. See how to order, page 19.
Molded-in pin (MIP) insert requires (910) deviation. See how to order, pg. 19.
This arrangement is not available in RoHS compliant version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com