Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24-7 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 5 Page - Amphenol Corporation

  24-7 Datasheet HTML 1Page - Amphenol Corporation 24-7 Datasheet HTML 2Page - Amphenol Corporation 24-7 Datasheet HTML 3Page - Amphenol Corporation 24-7 Datasheet HTML 4Page - Amphenol Corporation 24-7 Datasheet HTML 5Page - Amphenol Corporation 24-7 Datasheet HTML 6Page - Amphenol Corporation 24-7 Datasheet HTML 7Page - Amphenol Corporation 24-7 Datasheet HTML 8Page - Amphenol Corporation 24-7 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
3
DESIGN CHARACTERISTICS
• Medium to heavy weight cylindrical
• Durable, field-proven design
• Single key/keyway polarization
• Threaded coupling, hard dielectric inserts
• Non-rotating contacts
• Operating temperatures from –55°C to +125°C
• Cost effective
• Intermateable and intermountable with existing
97 Series and SAE AS50151 connectors
• Underwriters Laboratories approved recogni-
tion File E115497
• Canadian Standards Association Certification
File LR69183
• CE Certification Registration No.: AT1312862E
CUSTOMER OPTIONS
• Six shell styles
• 128 contact arrangements, from 1 to 52 circuits
• Alternate insert positioning
• High temperature and potting constructions
• Special plating finishes including gray
zinc nickel
• Optional gold plating
• Thermocouple arrangements available
Connector components are fabricated from high grade
aluminum alloy, with a conductive cadmium plate finish
and an olive drab chromate after-treatment.
See how to order page 18.
Contacts are silver plated with pre-tinned solder cups.
Optional gold over silver plating is also available. Inserts
for solder style contacts are diallyl-phthalate.
Users should be aware that classes “A” and “B” of SAE
AS50151 have been canceled.
Amphenol 97 Series Connectors
with solder contacts
®
MS3100A
MS3101A
MS3102A
MS3106A
MS3107A
MS3108B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com