Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE-R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HE-R
Description  Contact arrangement of 4a or 4a1b
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE-R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HE-R Datasheet HTML 1Page - Panasonic Semiconductor HE-R Datasheet HTML 2Page - Panasonic Semiconductor HE-R Datasheet HTML 3Page - Panasonic Semiconductor HE-R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications
Item
Specifications
Contact data
Contact arrangement
Form A, 4a, 4a1b
Form B, 4a1b
Contact resistance (initial)
Max. 100mΩ (by voltage drop 6V DC 1A)
Max. 3mΩ (by voltage drop 6V DC 32A, reference value)
Max.100mΩ (by voltage drop 6V DC 1A)
Contact material
AgSnO
2 type
Au flashed AgNi type
Contact rating (resistive)
40A 480V AC
1A 277V AC, 1A 30V DC
Max. switching power (resistive)
19,200VA
277VA, 30W
Max. switching voltage
480V AC
277V AC, 30V DC
Max. switching current
40A
1A
Min. switching load (reference value)
100mA 24V DC (reference value)
10mA 5V DC (reference value)
Insulation resistance (initial)
Min. 1,000MΩ (at 500V DC, measured portion is the same as the case of dielectric voltage)
Dielectric strength (initial)
Form A contacts
Form B contact
Between open contacts
2,000Vrms for 1min (detection current 10mA)
1,000Vrms for 1min (detection current 10mA)
Between contacts and coil
5,000Vrms for 1min (detection current 10mA)
2,000Vrms for 1min (detection current 10mA)
Between contact sets
5,000Vrms for 1min
5,000Vrms for 1min
Surge breakdown voltage (initial)
Between contacts and coil
10,000 V
2,500V
Coil holding voltage*
35% V to 110% V (at-40°C to 55°C, Form A contact: 50A)
35% V to 50% V (at-40°C to 85°C, Form A contact: 40 to 50A)
Time characteristics (initial)
Operate time
Max. 50ms (at rated coil voltage at 20°C, without bounce)
Release time
Max. 30ms (at rated coil voltage at 20°C, without bounce, without diode)
Shock resistance
Functional
25m/s2 (half-sine shock pulse:11ms, detection time:10μs)
Destructive
980m/s2 (half-sine shock pulse: 6ms)
Vibration resistance
Functional
10 to 55Hz (at double amplitude of 0.3mm; detection time: 10μs)
Destructive
10 to 55Hz (at double amplitude of 1.0mm; detection time: 10μs)
Expected switching life
Mechanical
Min. 1×106 ope. (at 180 times/min)
Conditions
Contact condition for use,
transportation and storage
Ambient temperature: -40 to 55°C (When coil holding voltage is 35 to 110% V of rated voltage or storage)
-40 to 85°C (When coil holding voltage is 35 to 50% V of rated voltage or storage)
Humidity: 5 to 85% RH (in addition the humidity range depends on temperature)
Unit weight
Approx. 180g
*Coil holding voltage: the coil voltage after applying 200ms of the rated coil voltage
Coil data
› Operating characteristics such as „operate voltage“ and „release voltage“ are influenced by mounting conditions, ambient temperature, etc.
Therefore, please use relay within ± 5% of rated coil voltage.
› „Initial“ means the condition of products at the time of delivery.
Rated coil voltage
Operate voltage*
(at 20°C)
Release voltage*
(at 20°C)
Rated operating current
(±10%, at 20°C)
Coil resistance
(±10%, at 20°C)
Rated
operating power
Max. allowable
voltage (at 55°C)
6V DC
Max. 75% V
of nominal
voltage
Min. 5% V
of nominal
voltage
667 mA
9.0Ω
4,000mW
490mW
(@20°C 35% V)
110% V
of nominal
voltage
9V DC
444mA
20.3Ω
12V DC
333mA
36.0Ω
24V DC
167mA
144.0Ω
48V DC
83mA
576.0Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com