Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE-R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HE-R
Description  Contact arrangement of 4a or 4a1b
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE-R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HE-R Datasheet HTML 1Page - Panasonic Semiconductor HE-R Datasheet HTML 2Page - Panasonic Semiconductor HE-R Datasheet HTML 3Page - Panasonic Semiconductor HE-R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HE-R relay
Features
- Contact arrangement of 4a or 4a1b
- Compact size: W (35mm) x L (58mm) x H (47mm)
- Short circuit capability VDE-certified
according to IEC 62955, In ≤ 32A
- Clearance & creepage distance > 8.0mm
- Coil holding power: 490mW
- Mirror contact structure according to IEC 60947-4-1
- Contact gap min. 3.6mm
Applications
- Charging station
- Inverter
- Industrial automation
Contact arrangement
Nominal coil voltage
Part no.
Contact arrangement
Nominal coil voltage
Part no.
4 Form A
6V DC
AHER3190
4 Form A
1 Form B
6V DC
AHER4190
9V DC
AHER3195
9V DC
AHER4195
12V DC
AHER3191
12V DC
AHER4191
24V DC
AHER3192
24V DC
AHER4192
48V DC
AHER3193
48V DC
AHER4193
Standard packaging: Carton: 10pcs., case: 50pcs; protective construction: flux-resistant type
Types
Ordering information (Type no.)
AHER 1 9
HE-R relay
Contact arrangement/operating function
3: 4a Single side stable type
4: 4a1b Single side stable type
Contact SPEC.
1: Standard type
Terminal form
9: PC board terminal type
Coil voltage
Part no.
0 1 2 3 5
Nominal coil
voltage (DC,V)
6 12 24 48 9


Similar Part No. - HE-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HE-010-F TEC-HE-010-F Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
logo
Festo Corporation.
HE-1-D-MAXI FESTO-HE-1-D-MAXI Datasheet
87Kb / 1P
Shut off valve
HE-1-D-MAXI-NPT FESTO-HE-1-D-MAXI-NPT Datasheet
89Kb / 1P
Shut off valve
HE-1/2-D-MAXI FESTO-HE-1/2-D-MAXI Datasheet
88Kb / 1P
Shut off valve
HE-1/2-D-MIDI FESTO-HE-1/2-D-MIDI Datasheet
87Kb / 1P
Shut off valve
More results

Similar Description - HE-R

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
1 through 8 form C (CO) contact arrangement
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
logo
American Electronic Com...
DG55 AEC-DG55 Datasheet
248Kb / 3P
Industry standard terminal arrangement
logo
STMicroelectronics
B-LCD40-DSI1 STMICROELECTRONICS-B-LCD40-DSI1 Datasheet
145Kb / 3P
RGB vertical stripe of pixel arrangement
29-Aug-2016
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
High Peak Current in Excess of 4A
Rev 0; 8/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com