Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE-R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HE-R
Description  Contact arrangement of 4a or 4a1b
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE-R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HE-R Datasheet HTML 1Page - Panasonic Semiconductor HE-R Datasheet HTML 2Page - Panasonic Semiconductor HE-R Datasheet HTML 3Page - Panasonic Semiconductor HE-R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Dimensions
9
10
11
12
8
6
7
1
2
3
4
5
40A480VAC
BOTTOM VIEW
AHER4191
7
1
2
3
4
6
5
8
9 10 11 12
COIL;12VDC
40A480VAC
1.6
12.9
13.5
13.5
13.5
58.0
The part number and Coil voltage depend on the type.
8-1.0
4-0.5
2.1
12.9
13.5
13.5
13.5
Schematic (Bottom view)
(Deenergized)
Suggested PC board pattern
(Tolerance:±0.1)
AHER4191
DIMENSIONS
AHER4191
HE-R RELAY (4a1b type)
mm
1 : 1
External dimensions
(Tolerance:±0.3)
Lot No.
Production factory
Apr.7.2020
(図面) No.22
(3rd Angle System)
(JIS A-4)
Sym
Item or Code No
Process
qt.
Material & Size
Catalog No
Remark
Remark
Name
Enacted
Checked
Drawn
Designed
Scale
Drawing No
Drawing Name
Unit:
Date
Panasonic Corporation
Unit: mm
9
10
11
12
8
6
7
1
2
3
4
5
40A480VAC
BOTTOM VIEW
AHER4191
7
1
2
3
4
6
5
8
9 10 11 12
COIL;12VDC
40A480VAC
1.6
12.9
13.5
13.5
13.5
58.0
The part number and Coil voltage depend on the type.
8-1.0
4-0.5
2.1
12.9
13.5
13.5
13.5
Schematic (Bottom view)
(Deenergized)
Suggested PC board pattern
(Tolerance:±0.1)
AHER4191
DIMENSIONS
AHER4191
HE-R RELAY (4a1b type)
mm
1 : 1
External dimensions
(Tolerance:±0.3)
Lot No.
Production factory
Apr.7.2020
(図面) No.22
(3rd Angle System)
(JIS A-4)
Sym
Item or Code No
Process
qt.
Material & Size
Catalog No
Remark
Remark
Name
Enacted
Checked
Drawn
Designed
Scale
Drawing No
Drawing Name
Unit:
Date
Panasonic Corporation
Schematic (bottom view)
9
10
11
12
8
6
7
1
2
3
4
5
40A480VAC
BOTTOM VIEW
AHER4191
7
1
2
3
4
6
5
8
9 10 11 12
COIL;12VDC
40A480VAC
1.6
12.9
13.5
13.5
13.5
58.0
The part number and Coil voltage depend on the type.
8-1.0
4-0.5
2.1
12.9
13.5
13.5
13.5
Schematic (Bottom view)
(Deenergized)
Suggested PC board pattern
(Tolerance:±0.1)
AHER4191
DIMENSIONS
AHER4191
HE-R RELAY (4a1b type)
mm
1 : 1
External dimensions
(Tolerance:±0.3)
Lot No.
Production factory
Apr.7.2020
(図面) No.22
(3rd Angle System)
(JIS A-4)
Sym
Item or Code No
Process
qt.
Material & Size
Catalog No
Remark
Remark
Name
Enacted
Checked
Drawn
Designed
Scale
Drawing No
Drawing Name
Unit:
Date
Panasonic Corporation
Suggested PC board pattern
9
10
11
12
8
6
7
1
2
3
4
5
40A480VAC
BOTTOM VIEW
AHER4191
7
1
2
3
4
6
5
8
9 10 11 12
COIL;12VDC
40A480VAC
1.6
12.9
13.5
13.5
13.5
58.0
The part number and Coil voltage depend on the type.
8-1.0
4-0.5
2.1
12.9
13.5
13.5
13.5
Schematic (Bottom view)
(Deenergized)
Suggested PC board pattern
(Tolerance:±0.1)
AHER4191
DIMENSIONS
AHER4191
HE-R RELAY (4a1b type)
mm
1 : 1
External dimensions
(Tolerance:±0.3)
Lot No.
Production factory
Apr.7.2020
(図面) No.22
(3rd Angle System)
(JIS A-4)
Sym
Item or Code No
Process
qt.
Material & Size
Catalog No
Remark
Remark
Name
Enacted
Checked
Drawn
Designed
Scale
Drawing No
Drawing Name
Unit:
Date
Panasonic Corporation
External dimensions
9
10
11
12
8
6
7
1
2
3
4
5
40A480VAC
BOTTOM VIEW
AHER4191
7
1
2
3
4
6
5
8
9 10 11 12
COIL;12VDC
40A480VAC
1.6
12.9
13.5
13.5
13.5
58.0
The part number and Coil voltage depend on the type.
8-1.0
4-0.5
2.1
12.9
13.5
13.5
13.5
Schematic (Bottom view)
(Deenergized)
Suggested PC board pattern
(Tolerance:±0.1)
AHER4191
DIMENSIONS
AHER4191
HE-R RELAY (4a1b type)
mm
1 : 1
External dimensions
(Tolerance:±0.3)
Lot No.
Production factory
Apr.7.2020
(図面) No.22
(3rd Angle System)
(JIS A-4)
Sym
Item or Code No
Process
qt.
Material & Size
Catalog No
Remark
Remark
Name
Enacted
Checked
Drawn
Designed
Scale
Drawing No
Drawing Name
Unit:
Date
Panasonic Corporation
Tolerance;
less than 10mm: ± 0.3
min. 10mm~:
± 0.5
Note: Terminal dimension is a value without
pre-soldering thickness.
The part number and coil voltage depend on the type.
Expected electrical life
Conditions: Resisitive load
Type
Switching capacity
Number of operations
Form A contact
40A 480V AC
32A 277V AC
Min. 3×104 ope. (ON:OFF = 1s:9s)
Min. 5×104 ope. (ON:OFF = 1s:9s)
Form B contact
(4a1b type only)
1A 277V AC
1A 30V DC
Min. 1×105 ope. (ON:OFF = 1s:9s)
Min. 1×105 ope. (ON:OFF = 1s:9s)
Approved standards
UL/C-UL rating E43149
Form A contacts
Form B contact (4a1b type only)
50A, 277V AC, carry only (no make or break), 85°C
1A, 30V DC, resistive, 85°C: 100K cycles
32A, 277V AC, resistive, 85°C: 50K cycles
1A, 277V AC, resistive, 85°C: 100K cycles
VDE rating 40053274
32A (cos
φ=1), 250V AC, 85°C: 50K cycles
DC-13: 1A, 24V DC, L/R = 48ms, 85°C: 40K cycles
40A (cos
φ=1), 480V AC, 85°C: 30K cycles
This relay has been approved by VDE standards. Applicable standard: EN/IEC 62955:2018 (Form A contact): Test sequence E [ 9.11.2.3 a) + 9.11.2.3 c) ]:
Ip = 1.85kA / I2t = 4.5kA2s (In ≤ 32A, Inc and IΔc = 3kA) Test sequence F [9.11.2.2 + 9.11.2.3 b)]: Im = 500A, U = 250V AC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com