Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150 Datasheet(PDF) 16 Page - ABB

Part # OVR40150
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150 Datasheet(HTML) 16 Page - ABB

Back Button OVR40150 Datasheet HTML 12Page - ABB OVR40150 Datasheet HTML 13Page - ABB OVR40150 Datasheet HTML 14Page - ABB OVR40150 Datasheet HTML 15Page - ABB OVR40150 Datasheet HTML 16Page - ABB OVR40150 Datasheet HTML 17Page - ABB OVR40150 Datasheet HTML 18Page - ABB OVR40150 Datasheet HTML 19Page - ABB OVR40150 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Surge
Pr
otective
Devices
16.14
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Product introduction
OVR DIN rail SPD
Introduction
Over 80% of transient surges are caused by internal sources such as load switching
and normal equipment operations. The installation of ABB OVR UL 1449 3rd Edition
pluggable AC DIN rail SPDs will combat these surges and provide protection to
valuable equipment and help keep an operation up and running. This new product
range is approved as Type 4 recognized components and is usable in Type 2
applications. These products are of the same high quality as ABB UL 1449 2nd Edition
devices, with improved safety as a result of additional testing required by the UL
1449 3rd Edition standard. Installation at branch panels, control panels and terminal
equipment is recommended to provide the most complete protection.
Features & benefits
The OVR DIN rail SPDs utilize fast acting metal oxide varistor (MOV) technology to limit
overvoltage to values compatible with the sensitive equipment connected to the network.
End of life indicator
This feature is standard on all ABB pluggable OVR DIN rail surge protectors.
Each cartridge is equipped with a mechanical indicator which is green when
the SPD is operational and protecting the system, and turns red when it has
reached end of life. When this occurs, the cartridge must be replaced to
guarantee protection.
Pluggable
The ability to efficiently maintain equipment is a key focus topic for industrial facilities.
For this reason, ABB OVR DIN rail SPDs (excluding data line products) now utilize
pluggable cartridges. Should one or more cartridges reach end of life, the electrical
circuit does not have to be isolated, nor does the whole device have to be removed.
Simply pull the dead cartridge from its housing and plug in a new one.
Remote indication (Optional - “TS” designation)
This function, achieved by wiring an integrated 3-point 1A volt-free contact, enables
the operational state of the SPD to be monitored remotely.
Technical features of the remote indicator
• 1 NO (normally open) contact and 1 NC (normally closed) contact
• Min. load: 12 VDC - 10 mA
• Max. load: 250 VAC - 1 A
• Connection cross section: 1.5 mm2 (16 AWG)
Specifications
• UL 1449 3rd Edition - Type 4 Recognized Component
• Imax - 15kA and 40kA
• Maximum continuous operating voltage (Uc) - 175, 320, 440, 550 and 660
VAC
• Configuration - 1L, 2L, 3L, N, 1N, 2N, 3N
ABB recommends a multi-level approach to surge protection. Combining
OVR DIN rail SPDs with the OVR NE12 enclosed SPD will ensure the facility or
operation is fully protected.
NOTE: A surge protector that has reached
end of life does not interrupt service, it
simply disconnects itself, and the system
is no longer protected.
NOTE: Pluggable surge protector
cartridges are equipped with a “key”
matched to each part number base,
preventing incorrect replacements.
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com