Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150 Datasheet(PDF) 6 Page - ABB

Part # OVR40150
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150 Datasheet(HTML) 6 Page - ABB

Back Button OVR40150 Datasheet HTML 2Page - ABB OVR40150 Datasheet HTML 3Page - ABB OVR40150 Datasheet HTML 4Page - ABB OVR40150 Datasheet HTML 5Page - ABB OVR40150 Datasheet HTML 6Page - ABB OVR40150 Datasheet HTML 7Page - ABB OVR40150 Datasheet HTML 8Page - ABB OVR40150 Datasheet HTML 9Page - ABB OVR40150 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Surge
Pr
otective
Devices
16.4
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Imc
Note:
Common mode
overvoltages affect
all grounding
systems.
SPD terminology
8/20 wave:
Current waveform which passes through equipment when
subjected to an overvoltage (low energy).
Type 2 surge protective device (SPD)
Permanently connected SPDs intended for installation on the load
side of the service equipment overcurrent device, including SPDs
located at a branch panel. It has successfully passed testing to
the standard with the 8/20 wave (class II test).
Metal oxide varistor (MOV)
A varistor is an electronic component with a “diode like” nonlinear
current-voltage characteristic, used to protect circuits against
excessive transient voltages. Most commonly composed of metal
oxides.
Maximum continuous operating voltage (MCOV, Uc)
The maximum designated root mean square (rms) value of power
frequency voltage that may be applied continuously between the
terminals of the SPD.
Nominal discharge current (In)
Peak current value of an 8/20 waveform which the SPD is rated
for based on the test program.
Maximum discharge current (Imax)
Peak current value of an 8/20 waveform which can be safely
discharged by the SPD, with an amplitude complying with the
class II operating test sequence. Imax > In
Short circuit current rating (SCCR)
Maximum symmetrical fault current, at rated voltage, that the
SPD can withstand without sustaining damage that exceeds
acceptable criteria or creates a hazardous operating condition.
Voltage protection rating (VPR)
The value of the VPR is determined as the nearest highest value,
taken from Table 63.1 of ANSI/UL 1449 3rd Edition, to the
measured limiting voltage determined during the transient voltage
surge suppression test using the combination wave generator at a
setting of 6kV, 3kA.
Voltage protection level (Up or Ures)
The voltage let through by the SPD while diverting surge current
to ground must not exceed the voltage withstand value of the
equipment connected downstream.
General information
Terminology of SPD electrical characteristics
Imd
Ph
N
V
A
Time (µs)
Time (µs)
Residual Voltage
Shaved Peak
* Graph depicts an 8/20µs wave
Notes:
Test wave 8/20µs according to IEEE # C62.62-200/UL 1449
The first number corresponds to the time from 10% to 90% of its
peak value (8µs).
The second number corresponds to the time taken for the wave
to descend to 50% of its peak value (20µs).
Common mode and / or differential mode protection
Common mode
Common mode overvoltages appear between the live conductors
and ground, e.g. phase/ground or neutral/ground. A live
conductor not only refers to the phase conductors but also to the
neutral conductor.
This overvoltage mode destroys equipment connected to ground
(class I equipment) and also equipment not connected to ground
(class II equipment) which is located near a grounded mass and
which does not have sufficient electrical isolation (a few kilovolts).
Class II equipment not located near a grounded mass is
theoretically protected from this type of attack.
Differential mode
Differential mode overvoltages circulate between live conductors:
phase/phase or phase/neutral.
These overvoltages have a potentially high damaging effect for
all equipment connected to the electrical network, especially
‘sensitive’ equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com