Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150 Datasheet(PDF) 56 Page - ABB

Part # OVR40150
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150 Datasheet(HTML) 56 Page - ABB

Back Button OVR40150 Datasheet HTML 52Page - ABB OVR40150 Datasheet HTML 53Page - ABB OVR40150 Datasheet HTML 54Page - ABB OVR40150 Datasheet HTML 55Page - ABB OVR40150 Datasheet HTML 56Page - ABB OVR40150 Datasheet HTML 57Page - ABB OVR40150 Datasheet HTML 58Page - ABB OVR40150 Datasheet HTML 59Page - ABB OVR40150 Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
16.54
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Command
Devices
E210
Series
16
16
1-pole
2-pole
1 NO + 1 NC
2 NO + 2 NC
3 NO + 1 NC
Group switches
Control switches
Terminal assignment
E210 Switches
E214-... Group switches (I-0-II, manual-OFF-automatic)
Contacts
Rated voltage
Power loss
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1 CO
250
0.32
9
E214-16-101
2 CO
250
0.82
18
E214-16-202
Rated current = 25A
1 CO
250
0.40
9
E214-25-101
2 CO
250
0.88
18
E214-25-202
The new Group switches can be used to control the main installation of an emergency supply. Such devices distinguish
themselves through simple handling, easy mounting and optimal functionality.
E218-... Control switches
Contacts
Rated voltage
Power loss
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1NO+1NC
250
0.50
9
E218-16-11
2NO+2NC
250
1.00
18
E218-16-22
3NO+1NC
250
1.50
18
E218-16-31
Rated current = 25A
1NO+1NC
250
0.75
18
E218-25-11
These devices can be used in distribution board for any control function. The new control switches distinguish themselves through
simple handling, easy mounting and optimal functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com