Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150SPTS Datasheet(PDF) 22 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 22 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 18Page - ABB OVR40150SPTS Datasheet HTML 19Page - ABB OVR40150SPTS Datasheet HTML 20Page - ABB OVR40150SPTS Datasheet HTML 21Page - ABB OVR40150SPTS Datasheet HTML 22Page - ABB OVR40150SPTS Datasheet HTML 23Page - ABB OVR40150SPTS Datasheet HTML 24Page - ABB OVR40150SPTS Datasheet HTML 25Page - ABB OVR40150SPTS Datasheet HTML 26Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Surge
Pr
otective
Devices
16.20
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Technical data
OVR DIN rail SPD
Electrical characteristics
Type / Test class
UL 1449 3rd Ed. - Type 4 for Type 2
apps
IEC 61 643-1 2nd Ed - T2 / II
Frequency
Hz
50-60
Response time
ns
<25
Operating current (Ic)
mA
<0.1
Short circuit withstand current (Isccr)
kA
200
Integrated thermal disconnector
Yes
State indicator
Yes
Safety reserve
No
Remote indicator
Optional
Disconnector
Circuit breaker - B
or C curve
A
≤125
Class J fuse
A
≤100
Mechanical characteristics
Wire range - solid wire
AWG
4-14
Wire range - stranded wire
AWG
6-14
Stripping length
in
0.5
Tightening torque
in-lbs
24.5
Degree of protection
NEMA 1
Remote indicator (Optional)
Type of contact
1 NO / 1 NC
Minimum load
12 VDC / 10 mA
Maximum load
250 VAC / 1 A
Connection cross section
AWG
16
Miscellaneous characteristics
Operating temperature
F
-40˚ to 176˚
Maximum altitude
ft
6562
Color of housing / Fire resistance according to
UL 94
Gray RAL 7035 / V-0
Reference standards
UL 1449 3rd Ed, IEC 61 643-1 2nd Ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com