Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150SPTS Datasheet(PDF) 7 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 7 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 3Page - ABB OVR40150SPTS Datasheet HTML 4Page - ABB OVR40150SPTS Datasheet HTML 5Page - ABB OVR40150SPTS Datasheet HTML 6Page - ABB OVR40150SPTS Datasheet HTML 7Page - ABB OVR40150SPTS Datasheet HTML 8Page - ABB OVR40150SPTS Datasheet HTML 9Page - ABB OVR40150SPTS Datasheet HTML 10Page - ABB OVR40150SPTS Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.5
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
General information
UL 1449 Update to 3rd Edition
The Underwriters Laboratories (UL)
standard for surge protective devices
(SPDs) has been the primary safety
standard for surge protection since the
first edition was published in 1985, and
updated to the second edition in 1996.
The objective of UL 1449 has always been to increase safety in
terms of surge protection. Thus, major changes have recently
been made to the surge protection standard.
The latest edition, known as UL 1449 3rd Edition, was published
on September 29, 2006 and took effect September 2009, and is
now also an ANSI standard. A revision was made on February 8,
2011.
To avoid confusion, the objective of this paper is to explain and
summarize the major changes made to the standard.
The key updates are:
• Change in the standard’s name
• The different type designations of surge protective devices
• The measured voltage protection level
• The Nominal discharge current
Change in the standard’s name: From TVSS to SPDs
Prior to UL 1449 3rd Edition taking effect, the devices this
standard covers were known as Transient Voltage Surge
Suppressors (TVSS), operating on power circuits not exceeding
600 V. With the inception of the 3rd Edition, these devices are
now known as Surge Protective Devices (SPDs), and may operate
on power circuits not exceeding 1000 V.
This new designation moves the UL standard closer to the
international designation and to IEC standards. The new edition
is now renamed UL Standard for Safety for Surge Protective
Devices, UL 1449.
The different type designations of surge protective devices
The new UL 1449 3rd Edition places SPDs into five different
Type categories based on installation location within an electrical
system. While Type 1, Type 2 and Type 3 categories refer to
different types of SPDs that can be installed at specific locations,
Type 4 and Type 5 categories refer to components used in an
SPDs configuration.
Type 1 – “Permanently connected SPDs intended for installation
between the secondary of the service transformer and the line
side of the service equipment overcurrent device.”
Type 2 – “Permanently connected SPDs intended for installation
on the load side of the service equipment overcurrent device.”
Type 3 – “Point of utilization SPDs, installed at a minimum
conductor length of 10 meters (30 feet) from the electrical service
panel.”
Type 4 – Component assemblies – “Component assembly
consisting of one or more Type 5 components together with a
disconnect (integral or external) or a means of complying with the
limited current tests.”
Type 1, 2, 3 – Component assemblies – “Consists of a Type 4
component assembly with internal or external short circuit
protection.”
Type 5 – “Discrete component surge suppressors, such as
MOVs that may be mounted on a PWB, connected by its leads
or provided within an enclosure with mounting means and wiring
terminations.”
These new categories are by far the major changes applied to
UL 1449 3rd Edition. SPDs installation location is now taken
into account. The closer an SPD is installed to the equipment,
the better the protection is. This is a push in the direction of
providing stepped protection including external and internal surge
protection.
The measured voltage protection level
One of the last changes found in the new UL 1449 3rd Edition,
is the modification in the measured voltage protection level. The
Measured Limiting Voltage (MLV) is the maximum magnitude of
voltage measured at the application of a specific impulse wave
shape.
When applying a certain surge current on the SPD the measured
voltage at the device terminals is the so called “let-through
voltage.” In UL 1449 2nd Edition, the let-through voltage was
referred to as Suppressed Voltage Rating (SVR) and was
calculated with a 0.5 kA surge wave form at 6 kV. The new
designation is Voltage Protection Rating (VPR) and is calculated
with a 3 kA surge wave form at 6 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com