Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40150SPTS Datasheet(PDF) 44 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 44 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 40Page - ABB OVR40150SPTS Datasheet HTML 41Page - ABB OVR40150SPTS Datasheet HTML 42Page - ABB OVR40150SPTS Datasheet HTML 43Page - ABB OVR40150SPTS Datasheet HTML 44Page - ABB OVR40150SPTS Datasheet HTML 45Page - ABB OVR40150SPTS Datasheet HTML 46Page - ABB OVR40150SPTS Datasheet HTML 47Page - ABB OVR40150SPTS Datasheet HTML 48Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
16.42
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Fuse
holders
&
fuse
disconnectors
16
16
E 90 Fuse switch disconnectors
E 90 series fuse switch disconnectors are designed for switching circuits under load, providing protection against short circuits and overloads.
The case is made of self-extinguishing thermoplastic material resistant to high temperatures (all materials are UL listed) while the contact clips are
in silver plated copper.
E 90 fuse switch disconnectors can be sealed or padlocked to ensure operator safety during maintenance. For easy and quick installation E 90
range is totally compatible with connecting bars, terminals and caps of S 200 MCBs.
Thanks to cURus approval, they can be installed in UL certified machines.
38 mm
Ø 10.3 mm
31.5 mm
Ø 8.5 mm
51 mm
Ø 15 mm
58 mm
Ø 22 mm
Type
E 90/32
Fuse
[mm]
10 x 38
Current type
a.c. / d.c.
Rated frequency
[Hz]
50-60
Rated current
[A]
32
Max power dissipation
[W]
3
Tightening torque
[Nm]
PZ2 2-2.5
Terminal cross section
[mm2]
25
Protection degree
IP20
Can be padlocked (open)
■
Can be sealed (closed)
■
IEC 60947-3
Rated operating voltage
[V]
400
Utilization category
AC-22B
Markings
IMQ, NF
Alternate current characteristics according to IEC 60947-3
Rated operating voltage
[V]
690
Utilization category
AC-22B
Direct current characteristics according to IEC 60947-3
Rated operating voltage
[V]
690
Utilization category
DC-20B 1
IEC 60269-1
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
690
IEC 60269-2
Fuse system
F
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
440
Breaking capacity
[kA]
200 (a.c.) – 100 (d.c.)
IEC 60269-3
Fuse system
B
Rated a.c. voltage
[V]
400
IEC 60269-4
Fuse system
F
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
690
UL 4248
Markings
cURus
E90 fuse disconnectors for 10.3 x 38 mm fuses (AC-22B)
No. of poles
Modules
Rated Current In A
Catalog
number
1
1
32
E91/32
1
1
32
E91/32s
1+N
2
32
E91N/32
1+N
2
32
E91N/32s
2
2
32
E92/32
3
3
32
E93/32
3+N
4
32
E93N/32
4
4
32
E94/32
s: version with blown fuse indicator light.
1 If the product is used with direct current, switching under load is not permitted. In this case, the warning “do not open under load” must be visible in
the front of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com