Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32G431 Datasheet(PDF) 53 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 49Page - STMicroelectronics 32G431 Datasheet HTML 50Page - STMicroelectronics 32G431 Datasheet HTML 51Page - STMicroelectronics 32G431 Datasheet HTML 52Page - STMicroelectronics 32G431 Datasheet HTML 53Page - STMicroelectronics 32G431 Datasheet HTML 54Page - STMicroelectronics 32G431 Datasheet HTML 55Page - STMicroelectronics 32G431 Datasheet HTML 56Page - STMicroelectronics 32G431 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 198 page
background image
DS12589 Rev 6
53/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
9
9
12
12 E5
18
D4
18
26
PA4
I/O
TT_a
-
TIM3_CH2, SPI1_NSS,
SPI3_NSS/
I2S3_WS, USART2_CK,
SAI1_FS_B,
EVENTOUT
ADC2_IN17,
DAC1_OUT1,
COMP1_INM
10
10
13
13
F5
19
E4
19
27
PA5
I/O
TT_a
-
TIM2_CH1, TIM2_ETR,
SPI1_SCK,
UCPD1_FRSTX,
EVENTOUT
ADC2_IN13,
DAC1_OUT2,
COMP2_INM,
OPAMP2_VINM
11
11
14
14 G6
20
G3
20
28
PA6
I/O
TT_a
-
TIM16_CH1,
TIM3_CH1, TIM8_BKIN,
SPI1_MISO,
TIM1_BKIN,
COMP1_OUT,
LPUART1_CTS,
EVENTOUT
ADC2_IN3,
OPAMP2_VOUT
12
12
15
15 D5
21
H3
21
29
PA7
I/O
TT_a
-
TIM17_CH1,
TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI,
TIM1_CH1N,
COMP2_OUT,
UCPD1_FRSTX,
EVENTOUT
ADC2_IN4,
COMP2_INP,
OPAMP1_VINP,
OPAMP2_VINP
-
-
16
-
D422
D522
30
PC4
I/O FT_fa
-
TIM1_ETR, I2C2_SCL,
USART1_TX,
EVENTOUT
ADC2_IN5
-
-
-
-
-
23
F4
23
31
PC5
I/O
TT_a
-
TIM15_BKIN, SAI1_D3,
TIM1_CH4N,
USART1_RX,
EVENTOUT
ADC2_IN11,
OPAMP1_VINM,
OPAMP2_VINM,
WKUP5
13
13
17
16 G5
24
E5
24
32
PB0
I/O
TT_a
-
TIM3_CH3,
TIM8_CH2N,
TIM1_CH2N,
UCPD1_FRSTX,
EVENTOUT
ADC1_IN15,
COMP4_INP,
OPAMP2_VINP,
OPAMP3_VINP
-
-
18
17 E4
25
F5
25
33
PB1
I/O
TT_a
-
TIM3_CH4,
TIM8_CH3N,
TIM1_CH3N,
COMP4_OUT,
LPUART1_RTS_DE,
EVENTOUT
ADC1_IN12,
COMP1_INP,
OPAMP3_VOUT
-
-
19
18
F4
26
H4
26
34
PB2
I/O
TT_a
-
RTC_OUT2,
LPTIM1_OUT,
I2C3_SMBA,
EVENTOUT
ADC2_IN12,
COMP4_INM,
OPAMP3_VINM
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com