Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32G431 Datasheet(PDF) 84 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 80Page - STMicroelectronics 32G431 Datasheet HTML 81Page - STMicroelectronics 32G431 Datasheet HTML 82Page - STMicroelectronics 32G431 Datasheet HTML 83Page - STMicroelectronics 32G431 Datasheet HTML 84Page - STMicroelectronics 32G431 Datasheet HTML 85Page - STMicroelectronics 32G431 Datasheet HTML 86Page - STMicroelectronics 32G431 Datasheet HTML 87Page - STMicroelectronics 32G431 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 198 page
background image
Table 27. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in Sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
1.05
1.15
1.45
2.00
2.90
1.70
2.70
5.20
8.30
13.0
mA
16 MHz 0.690 0.810 1.15
1.70
2.60
1.30
2.30
3.80
8.00
13.0
8 MHz
0.425 0.545 0.920
1.45
2.35
0.930 2.00
3.50
7.70
13.0
4 MHz
0.300 0.400 0.815
1.35
2.25
0.760 1.80
3.30
7.60
12.0
2 MHz
0.230 0.355 0.755
1.30
2.20
0.670 1.70
3.20
7.50
12.0
1 MHz
0.200 0.320 0.725
1.25
2.15
0.620 1.60
3.10
7.50
12.0
100 KHz 0.165 0.285 0.690
1.25
2.15
0.580 1.60
3.10
7.40
12.0
Range 1
Boost
mode
170 MHz
7.40
7.65
8.30
9.10
10.5
8.60
11.0
14.0
19.0
25.0
Range 1
150 MHz
6.10
6.30
6.90
7.60
8.80
7.10
8.40
12.0
16.0
22.0
120 MHz
4.95
5.15
5.70
6.40
7.60
5.90
7.20
11.0
15.0
21.0
80 MHz
3.45
3.65
4.15
4.85
6.00
4.40
5.70
9.00
13.0
19.0
72 MHz
3.15
3.35
3.85
4.55
5.70
4.10
5.30
8.60
13.0
19.0
64 MHz
2.85
3.00
3.55
4.25
5.40
3.70
5.00
8.30
13.0
18.0
48 MHz
2.10
2.30
2.55
3.25
4.40
3.10
4.40
7.60
12.0
18.0
32 MHz
1.50
1.65
2.00
2.70
3.80
2.50
3.80
7.10
12.0
17.0
24 MHz
1.15
1.35
1.75
2.40
3.55
2.20
3.40
6.70
11.0
17.0
16 MHz 0.850 1.05
1.45
2.15
3.25
1.80
3.10
6.30
11.0
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com