Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32G431 Datasheet(PDF) 94 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 90Page - STMicroelectronics 32G431 Datasheet HTML 91Page - STMicroelectronics 32G431 Datasheet HTML 92Page - STMicroelectronics 32G431 Datasheet HTML 93Page - STMicroelectronics 32G431 Datasheet HTML 94Page - STMicroelectronics 32G431 Datasheet HTML 95Page - STMicroelectronics 32G431 Datasheet HTML 96Page - STMicroelectronics 32G431 Datasheet HTML 97Page - STMicroelectronics 32G431 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
94/198
DS12589 Rev 6
AHB2
CRC
1.11
1.05
0.86
0.90
µA/MHz
GPIOA
1.00
0.91
0.73
0.93
GPIOB
0.55
0.50
0.41
0.54
GPIOC
0.56
0.51
0.42
0.43
GPIOD
0.35
0.33
0.26
0.26
GPIOE
0.59
0.55
0.45
0.41
GPIOF
0.46
0.43
0.36
0.31
GPIOG
0.38
0.36
0.29
0.26
CCMSRAM
0.32
0.31
0.26
0.25
SRAM2
0.70
0.66
0.55
0.55
ADC12 AHB clock domain
6.72
6.27
5.17
5.95
ADC12 independent clock domain
0.61
0.59
0.46
0.56
DAC1
5.57
5.17
4.40
4.99
DAC3
5.67
5.30
NA
NA
RNG clock domain
3.63
3.37
NA
Na
RNG independent clock domain
1.06
1.00
NA
NA
AHB
ALL AHB peripherals
79.97
74.54
57.83
66.98
µA/MHz
APB1
AHB to APB1 bridge
0.47
0.37
0.32
0.08
µA/MHz
TIM2
10.84
10.04
8.21
9.31
TIM3
9.32
8.65
7.10
8.02
TIM4
8.60
8.00
6.61
7.53
TIM6
2.88
2.69
2.22
2.66
TIM7
2.72
2.53
2.09
2.41
CRS
0.65
0.62
0.50
0.57
RTC
3.72
3.49
2.92
3.73
WWDG
0.77
0.74
0.60
0.71
SPI2
4.96
4.63
3.82
4.33
SPI3
5.33
4.98
4.09
4.67
I2S2 clock domain
3.45
3.23
2.65
2.95
I2S2 independent clock domain
1.51
1.40
1.17
1.38
I2S3 clock domain
3.86
3.62
2.97
3.49
I2S3 independent clock domain
1.47
1.36
1.12
1.18
Table 34. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com