Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32G431 Datasheet(PDF) 175 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 171Page - STMicroelectronics 32G431 Datasheet HTML 172Page - STMicroelectronics 32G431 Datasheet HTML 173Page - STMicroelectronics 32G431 Datasheet HTML 174Page - STMicroelectronics 32G431 Datasheet HTML 175Page - STMicroelectronics 32G431 Datasheet HTML 176Page - STMicroelectronics 32G431 Datasheet HTML 177Page - STMicroelectronics 32G431 Datasheet HTML 178Page - STMicroelectronics 32G431 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 198 page
background image
DS12589 Rev 6
175/198
STM32G431x6 STM32G431x8 STM32G431xB
Package information
193
Table 93. WLCSP49 - Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A(2)
2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal
and tolerances values of A1 and A2.
-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3(3)
3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process capabiliy.
-
0.025
-
-
0.001
-
b(4)
4. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.22
0.25
0.28
0.009
0.010
0.011
D
3.13
3.15
3.17
0.123
0.124
0.125
E
3.11
3.13
3.15
0.122
0.123
0.124
e
-
0.40
-
-
0.016
-
e1
-
2.40
-
-
0.094
-
e2
-
2.40
-
-
0.094
-
F(5)
5. Calculated dimensions are rounded to the 3rd decimal place
-
0.375
-
-
0.015
-
G(5)
-
0.365
-
-
0.014
-
aaa
-
0.10
-
-
0.004
-
bbb
-
0.10
-
-
0.004
-
ccc
-
0.10
-
-
0.004
-
ddd
-
0.05
-
-
0.002
-
eee
-
0.05
-
-
0.002
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com