Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32G431 Datasheet(PDF) 196 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 190Page - STMicroelectronics 32G431 Datasheet HTML 191Page - STMicroelectronics 32G431 Datasheet HTML 192Page - STMicroelectronics 32G431 Datasheet HTML 193Page - STMicroelectronics 32G431 Datasheet HTML 194Page - STMicroelectronics 32G431 Datasheet HTML 195Page - STMicroelectronics 32G431 Datasheet HTML 196Page - STMicroelectronics 32G431 Datasheet HTML 197Page - STMicroelectronics 32G431 Datasheet HTML 198Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 196 / 198 page
background image
Revision history
STM32G431x6 STM32G431x8 STM32G431xB
196/198
DS12589 Rev 6
20-Nov-2020
3
Updated:
– Table 2: STM32G431x6/x8/xB features and peripheral counts
timer PWM channel number.
– Section 3.5: Embedded SRAM.
– Table 12: STM32G431x6/x8/xB pin definition.
– Figure 11: STM32G431x6/x8/xB UFBGA64 ballout.
– Table 21, Table 22, Table 27, Table 28, Table 29, Table 30,
Table 31 Table 32 max current consumptions.
– Table 35: Low-power mode wakeup timings adding note.
– Table 70: DAC 15MSPS characteristics TSAMP, .dV/dt (hold phase)
and IDDA(DAC) characteristics.
– Table 73: COMP characteristics IDDA(COMP).
– Table 74: OPAMP characteristics PSRR.
– Table 76: VBAT monitoring characteristics.
– Table 100: Package thermal characteristics.
– Internal voltage reference buffer (VREFBUF) at 2.9 V.
Removed:
– Current consumption in Run and Low-power run modes, code with
data processing running from Flash in single Bank, ART disable
table.
– Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable table.
22-Feb-2021
4
Updated:
– Section 3.11.4: Low-power modes.
– Table 29: Current consumption in Stop 1 mode.
– Table 30: Current consumption in Stop 0 mode.
– Table 31: Current consumption in Standby mode.
– Table 32: Current consumption in Shutdown mode.
01-Oct-2021
5
Updated:
– Section 2: Description
– Table 2: STM32G431x6/x8/xB features and peripheral counts
– Table 5: Temperature sensor calibration values
– Table 12: STM32G431x6/x8/xB pin definition
– Figure 5: STM32G431x6/x8/xB UFQFPN32 pinout
– Table 62: ADC accuracy - limited test conditions 1
– Table 63: ADC accuracy - limited test conditions 2
– Table 64: ADC accuracy - limited test conditions 3
– Figure 28: ADC accuracy characteristics
– Figure 29: Typical connection diagram when using the ADC with
FT/TT pins featuring analog switch function
Deleted:
– Note 2 of Figure 40: UFQFPN32 - Outline
Table 102. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com