Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3113P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS3113P
Description  Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3113P Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS3113P Datasheet HTML 1Page - ON Semiconductor NTLJS3113P Datasheet HTML 2Page - ON Semiconductor NTLJS3113P Datasheet HTML 3Page - ON Semiconductor NTLJS3113P Datasheet HTML 4Page - ON Semiconductor NTLJS3113P Datasheet HTML 5Page - ON Semiconductor NTLJS3113P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS3113P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
1
0.05
3
2
0.03
0.01
0.08
47
1.3
1.5
1.1
0.9
0.7
10000
06
2
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
1.0
2.0
1.5
0.02
3.0
Figure 3. On−Resistance versus Drain Current
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
7
−50
50
25
0
−25
75
125
100
1
212
10
4
3
1
2
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = −1.8 V
VGS = 0 V
ID = −6 A
VGS = −4.5 V
3
0.04
TJ = 100°C
TJ = 150°C
2
0
9
1.5
TJ = 25°C
20
VGS = −1.7 V to −8 V
−1.5 V
3
1000
4
4
0
4
0.03
0.02
TJ = 25°C
150
10
100000
2.5
−1.4 V
−1.3 V
−1.2 V
TJ = 25°C
VGS = −4.5 V
TJ = −55°C
TJ = 100°C
0.04
VGS = −4.5 V
VGS = −2.5 V
6
8
14
16
18
2
0.5
2.5
5
5
6
5
6
−1.6 V
−1.1 V
8
1
3
5
7
0.07
0.06
6
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com