Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3113P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS3113P
Description  Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3113P Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS3113P Datasheet HTML 1Page - ON Semiconductor NTLJS3113P Datasheet HTML 2Page - ON Semiconductor NTLJS3113P Datasheet HTML 3Page - ON Semiconductor NTLJS3113P Datasheet HTML 4Page - ON Semiconductor NTLJS3113P Datasheet HTML 5Page - ON Semiconductor NTLJS3113P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS3113P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
5
5
15
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
1600
0
VGS
VDS
2000
800
010
VDS = VGS = 0 V
TJ = 25°C
Coss
Crss
2400
2800
Ciss
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
100
tr
td(off)
td(on)
tf
10
VDD = −15 V
ID = −3.0 A
VGS = −4.5 V
2.5
0
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
Figure 10. Diode Forward Voltage versus Current
1.0
1
0.6
2
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
See Note 2, Page 1
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
TJ = 25°C
0.1
0.01
0
3
0
QG, TOTAL GATE CHARGE (nC)
5
4
48
ID = −3.0 A
TJ = 25°C
VGS
QGS
QGD
QT
2
1
12
8
0
20
12
4
VDS
16
3
0.8
0.4
0.2
1200
400
1.5
0.5
TJ = 150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com