Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3113P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLJS3113P
Description  Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3113P Datasheet(HTML) 1 Page - ON Semiconductor

  NTLJS3113P Datasheet HTML 1Page - ON Semiconductor NTLJS3113P Datasheet HTML 2Page - ON Semiconductor NTLJS3113P Datasheet HTML 3Page - ON Semiconductor NTLJS3113P Datasheet HTML 4Page - ON Semiconductor NTLJS3113P Datasheet HTML 5Page - ON Semiconductor NTLJS3113P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 3
1
Publication Order Number:
NTLJS3113P/D
NTLJS3113P
Power MOSFET
−20 V, −7.7 A,
mCoolt Single P−Channel,
2x2 mm, WDFN Package
Features
• WDFN Package Provides Exposed Drain Pad for Excellent Thermal
Conduction
• 2x2 mm Footprint Same as SC−88 Package
• Lowest RDS(on) Solution in 2x2 mm Package
• 1.5 V RDS(on) Rating for Operation at Low Voltage Logic Level Gate
Drive
• Low Profile (< 0.8 mm) for Easy Fit in Thin Environments
• This is a Pb−Free Device
Applications
• DC−DC Converters (Buck and Boost Circuits)
• Optimized for Battery and Load Management Applications in
Portable Equipment such as, Cell Phones, PDA’s, Media Players, etc.
• High Side Load Switch
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−5.8
A
TA = 85°C
−4.4
t
≤ 5 s
TA = 25°C
−7.7
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.9
W
t
≤ 5 s
3.3
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−3.5
A
TA = 85°C
−2.5
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−23
A
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−2.8
A
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size,
(30 mm2, 2 oz Cu).
http://onsemi.com
−20 V
50 m
W @ −2.5 V
40 m
W @ −4.5 V
RDS(on) MAX
−7.7 A
ID MAX (Note 1)
V(BR)DSS
75 m
W @ −1.8 V
200 m
W @ −1.5 V
G
S
P−CHANNEL MOSFET
D
J8
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
J8M
G
G
1
2
3
6
5
4
WDFN6
CASE 506AP
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
NTLJS3113PT1G
WDFN6
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
2
3
6
5
4
D
D
G
D
D
S
(Top View)
PIN CONNECTIONS
D
S
S
D
Pin 1


Similar Part No. - NTLJS3113P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS3113P ONSEMI-NTLJS3113P Datasheet
166Kb / 6P
Power MOSFET
May, 2016 ??Rev. 6
NTLJS3113PT1G ONSEMI-NTLJS3113PT1G Datasheet
166Kb / 6P
Power MOSFET
May, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTLJS3113PT1G VBSEMI-NTLJS3113PT1G Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTLJS3113PTAG ONSEMI-NTLJS3113PTAG Datasheet
136Kb / 6P
Power MOSFET
March, 2011 ??Rev. 5
NTLJS3113PTAG ONSEMI-NTLJS3113PTAG Datasheet
166Kb / 6P
Power MOSFET
May, 2016 ??Rev. 6
More results

Similar Description - NTLJS3113P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com