Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8216SEFL/R Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8216SEFL/R
Description  60MSPS 10-bit 2-channel CCD Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8216SEFL/R Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8216SEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
WM8216
Production Data
w
PD Rev 4.0 March 2007
22
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 5.
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
EN
1
Global Enable
0 = complete power down,
1 = fully active (individual blocks can be disabled using individual powerdown
bits – see setup register 5).
1
CDS
1
Select correlated double sampling mode:
0 = single ended mode,
1 = CDS mode.
3:2
TWOCHAN /
MONO
10
Sampling mode select
10 = Two channel mode
01 = One channel mode. Input channel selected by CHAN register bit (Reg 3
bit 6), unused channel is powered down.
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different polarity sensor
output signals. Zero differential PGA input signal gives:
0x = Zero output from the PGA (Output code=511)
10 = Full-scale positive output (OP=1023) - use for negative going video.
NB, Set INVOP=1 if zero differential input should give a zero output
code with negative going video.
11 = Full-scale negative output (OP=0) - use for positive going video
Setup
Register 1
7:6
Not Used
00
Must be set to 0
1:0
Not Used
00
Must be set to 0
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
Output Disable. This works with the OEB pin to control the output pins.
0=Digital outputs enabled, 1=Digital outputs high impedance
OEB (pin)
OPD
OP pins
0
0
Enabled
0
1
High Impedance
1
0
High Impedance
3
OPD
0
1
1
High impedance
4
LOWREFS
0
Reduces the ADC reference range (2*[VRT-VRB]), thus changing the max/min
input video voltages (ADC ref range/PGA gain).
0= ADC reference range = 2.0V
1= ADC reference range = 1.2V
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
Controls the latency from sample to data appearing on output pins
DEL
Latency
00
7 MCLK periods
01
8 MCLK periods
10
9 MCLK periods
Setup
Register 2
7:6
DEL[1:0]
00
11
10 MCLK periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com