Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8216SEFL/R Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8216SEFL/R
Description  60MSPS 10-bit 2-channel CCD Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8216SEFL/R Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8216SEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
WM8216
Production Data
w
PD Rev 4.0 March 2007
24
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
Offset DAC
(Odd)
7:0
DACO[7:0]
00000000
Odd channel 8-bit offset DAC value (mV) = 255*(DACR[7:0]-127.5)/127.5
Offset DAC
(Even)
7:0
DACE[7:0]
00000000
Even channel 8-bit offset DAC value (mV) = 255*(DACG[7:0]-127.5)/127.5
Offset DAC
(Odd&Even)
7:0
DACOE[7:0]
00000000
A write to this register location causes both the odd and even offset DAC
registers to be overwritten by the new value
0
PGAO[0]
0
This register bit forms the LSB of the odd channel PGA gain code. PGA gain
is determined by combining this register bit and the 8 MSBs contained in
register address 28 hex.
PGA Gain
LSB
(Odd)
7:1
Not used
0000000
Must be set to 0
0
PGAE[0]
0
This register bit forms the LSB of the even channel PGA gain code. PGA gain
is determined by combining this register bit and the 8 MSBs contained in
register address 29 hex.
PGA Gain
LSB
(Even)
7:1
Not used
0000000
Must be set to 0
0
PGAOE[0]
0
Writing a value to this location causes both the odd and even channel PGA
LSB gain values to be overwritten by the new value.
PGA Gain
LSB
(Odd&Even)
7:1
Not used
0000000
Must be set to 0
PGA gain
MSBs
(Odd)
7:0
PGAO[8:1]
00001101
Bits 8 to 1 of Odd channel PGA gain. Combined with Odd LSB register bit to
form complete PGA gain code. This determines the gain of the Odd channel
PGA according to the equation:
Odd channel PGA gain (V/V) = 0.66 + PGAO[8:0]x7.34/511
PGA gain
MSBs
(Even)
7:0
PGAE[8:1]
00001101
Bits 8 to 1 of Even channel PGA gain. Combined with Even LSB register bit to
form complete PGA gain code. This determines the gain of the Even channel
PGA according to the equation:
Even channel PGA gain (V/V) = 0.66 + PGAE[8:0]x7.34/511
PGA gain
MSBs
(Odd/Even)
7:0
PGAOE[8:1]
00000000
A write to this register location causes both the Odd and Even channel PGA
MSB gain registers to be overwritten by the new value.
Table 6 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com