Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8216SEFL/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8216SEFL/R
Description  60MSPS 10-bit 2-channel CCD Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8216SEFL/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8216SEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8216SEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
WM8216
Production Data
w
PD Rev 4.0 March 2007
23
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
3:0
RLCDAC[3:0]
1111
Controls RLCDAC driving VRLC/VBIAS pin to define single ended signal
reference voltage or Reset Level Clamp voltage. See Electrical Characteristics
section for ranges.
5:4
CDSREF[1:0]
01
CDS mode reset timing adjust.
00 = Advance reset sample by 1 MCLK period (relative to default).
01 = Default reset sample position.
10 = Delay reset sample by 1 MCLK period (relative to default)
11 = Delay reset sample by 2 MCLK periods (relative to default)
When MONO=0 this register bit has no effect
Monochrome mode channel select.
6
CHAN
0
00 = Odd channel select
01 = Even channel select
Setup
Register 3
7
Not Used
0
Must be set to 0
Software
Reset
Any write to Software Reset causes all register bits to be reset. It is
recommended that a software reset be performed after a power-up before any
other register writes.
0
ODDPD
0
When set powers down odd S/H, PGA
1
EVENPD
0
When set powers down even S/H, PGA
3
ADCPD
0
When set powers down ADC. Allows reduced power consumption without
powering down the references which have a long time constant when
switching on/off due to the external decoupling capacitors.
4
VRLCDACPD
0
When set powers down 4-bit RLCDAC, setting the output to a high impedance
state and allowing an external reference to be driven in on the VRLC/VBIAS
pin.
5
ADCREFPD
0
When set disables VRT, VRB buffers to allow external references to be used.
6
VRXPD
0
When set disables VRX buffer to allow an external reference to be used.
Setup
Register 5
7
Not Used
0
Must be set to 0
4:0
Not Used
00000
Must be set to 0
5
RLCEN
1
Reset Level Clamp Enable. When set Reset Level Clamping is enabled. The
method of clamping is determined by CLAMPCTRL.
6
CLAMPCTRL
0
0 = RLC switch is controlled directly from RSMP input pin:
RSMP = 0: switch is open
RMSP = 1: switch is closed
1 = RLC switch is controlled by logical combination of RSMP and VSMP.
RSMP && VSMP = 0: switch is open
RSMP && VSMP = 1: switch is closed
Setup
Register 6
7
Not Used
0
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com