Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8521 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
WM8521
Production Data
w
PD Rev 4.1 August 2006
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WM8521HC Analogue
supply range
AVDD
7.6
12
13.2
V
WM8521H9 Analogue
supply range
AVDD
7.6
9
13.2
V
Digital supply range
DVDD
2.7
3.3
3.6
V
Ground
AGND / DGND
0
V
IAVDD
AVDD = 12V
28.0
WM8521HC Supply current
IDVDD
DVDD = 3.3V
4.0
mA
IAVDD
AVDD = 9V
25.0
WM8521H9 Supply current
IDVDD
DVDD = 3.3V
4.0
mA
IAVDD
AVDD = 12V
22.8
WM8521HC Power down
current (note 4)
IDVDD
DVDD = 3.3V
0.014
mA
IAVDD
AVDD = 9V
17.1
WM8521H9 Power down
current (note 4)
IDVDD
DVDD = 3.3V
0.014
mA
Note:
1.
AVDD and DVDD are fully independent and can be applied in any order without damage to the device.
ELECTRICAL CHARACTERISTICS
Test Conditions
WM8521HC: AVDD = 12V, DVDD = 3.3V, AGND / DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise
stated.
WM8521H9: AVDD = 9V, DVDD = 3.3V, AGND / DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Output LOW
VOL
IOL = 1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH = -1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage (CAP)
AVDD/2
V
Potential divider resistance
RCAP
VDD to CAP and CAP
to GND
50
k
Ω
WM8521HC DAC Output (Load = 10k
Ω
Ω
Ω
Ω. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.9
2.0
2.1
Vrms
SNR (Terminology Note 1,2,3)
A-weighted,
@ fs = 48kHz
91
98
dB
SNR (Terminology Note 1,2,3)
A-weighted
@ fs = 96kHz
98
dB
SNR (Terminology Note 1,2,3)
Non ‘A’ weighted @ fs
= 48kHz
95
dB
THD (Note 3)
1kHz, 0dBFs
-81
dB
Dynamic Range (Note 2)
1kHz, THD+N @
-60dBFs
91
98
dB
DAC Channel Separation
1kHz, 0dBFs
93
dB
Power Supply Rejection Ratio
PSRR
1kHz 100mVpp
46
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com