Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8521 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
w
WM8521
Stereo DAC with Integrated Output Stage
for 2Vrms LINE OUT
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2006, Rev 4.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8521 is a 192kHz stereo DAC with an integrated output
op-amp stage, designed to generate a 2.0Vrms output signal
directly, so reducing external component requirements in digital
audio applications.
WM8521 comes into two variants WM8521HC and WM8521H9
which offers different line drive output capabilities. WM8521HC
outputs 2Vrms at 12V supply, while WM8521H9 outputs
2.0Vrms at 9V supply. WM8521HC/H9 are designed for cost
sensitive consumer digital audio applications requiring 2Vrms
line output.
A 24-bit multi-bit sigma delta DAC is used with oversampling
digital interpolation filters. Digital audio input word lengths from
16-32 bits and sampling rates from 8kHz to 192kHz are
supported.
The audio interface supports I
2S, Right Justified and DSP digital
audio formats.
The devices are controlled via a hardware interface which
provides access to features including de-emphasis, mute and
data formats.
These devices are pin equivalent and are
available in a 14-lead SOIC package.
FEATURES
•
Audio Performance
-
DAC SNR 98dB (‘A’ weighted @ 48kHz)
-
THD -81dB (‘A’ weighted @ 48kHz)
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
- I
2S, 16-bit Right Justified or 16bit DSP
•
2.0 Vrms output at 12V or 9V supply
•
7.6V to 13.2V Analogue, 2.7V to 3.6 Digital Supply
•
14-lead SOIC Package
APPLICATIONS
•
Consumer digital audio applications requiring 2 Vrms output
- DVD Players
- Digital TV
- Digital Set Top Boxes
- A/V Receivers
BLOCK DIAGRAM


Similar Part No. - WM8521

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Wolfson Microelectronic...
WM8521H9ED WOLFSON-WM8521H9ED Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
WM8521H9ED/RV WOLFSON-WM8521H9ED/RV Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
WM8521H9ED/V WOLFSON-WM8521H9ED/V Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
More results

Similar Description - WM8521

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 WOLFSON-WM8523 Datasheet
618Kb / 51P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
Stereo 24-bit DAC with 2Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com