Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8521 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8521 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
WM8521
Production Data
w
PD Rev 4.1 August 2006
10
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master clock can be applied directly through the MCLK input pin with no
configuration necessary for sample rate selection.
Note that on the WM8521, MCLK is used to derive clocks for the DAC path. The DAC path is
affected by DAC sampling clock, DAC digital filter clock and DAC digital audio interface timing. In a
system where there are a number of possible sources for the reference clock it is recommended that
the clock source with the lowest jitter be used to optimise the performance of the DAC.
The device can be reset by stopping MCLK. In this state the power consumption is substantially
reduced.
DIGITAL AUDIO INTERFACE
Audio data is applied to the internal DAC filters via the Digital Audio Interface.
Three interface
formats are supported:
• I
2S mode
• Right Justified mode
• DSP mode
All formats send the MSB first. The data format is selected with the FORMAT pin. When FORMAT is
LOW, right justified data format is selected and word lengths up to 16-bits may be used. If a word
length shorter than 16-bits is used, the unused bits should be padded with zeroes.
When the
FORMAT pin is HIGH, I
2S format is selected and word length of any value up to 32-bits may be used.
Unless in 16-bit ‘packed’ mode, if a word length shorter than 24-bits is used, the unused bits should
be padded with zeros. If LRCLK is 4 BCLKs or less duration, the 16bit DSP compatible format is
selected. Mode A and B clock formats are supported, selected by the state of the FORMAT pin.
I
2S MODE INPUT FORMAT
The WM8521 supports word lengths of 16-32 bits in I
2S mode.
In I
2S mode, the digital audio interface receives data on the DIN input. Audio Data is time multiplexed
with LRCLK indicating whether the left or right channel is present. LRCLK is also used as a timing
reference to indicate the beginning or end of the data words.
25-32 bits: LRCLK must be high for a minimum of data wordlength BCLKs and low for a minimum of
data wordlength BCLKs. The LSBs will be truncated and the most significant 24 bits will be used by
the internal processing.
24 bits: LRCLK must be high for a minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
17-23 bits: Data must be zero padded to 24 bits and LRCLK must be high for a minimum of 24
BCLKs and low for a minimum of 24 BCLKs.
Up to 16 bits: EITHER data must be zero padded to 24 bits and LRCLK must be high for minimum
24 BCLKs and low for 24 BCLKs,
OR data must be zero padded to 16 bits and LRCLK must be high for exactly 16 BCLKs and low for
exactly 16 BCLKs. The device auto-detects this ’16-bit packed’ mode and switches to 16-bit data
length.
Any mark to space ratio on LRCLK is acceptable provided the above requirements are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com